Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT2245CTLE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT2245CTLE
Description  Fast CMOS Octal Bidirectional Transceivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT2245CTLE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT2245CTLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2245CTLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2245CTLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2245CTLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2245CTLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT2245CTLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT2245CTLE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS2012E
08/08/06
PinConfiguration
Inputs
OE
T/R
Outputs
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
1.
H = High Voltage Level, X = Don't Care, L = Low
Voltage Level, Z = High Impedance
TruthTable(1)
Pin Name
Description
OE
3-State Output Enable Inputs (Active LOW)
T/R
Transmit/Receive Input
A0-A7
Side A Inputs or 3-State Outputs
B0-B7
Side B Inputs or 3-State Outputs
GND
Ground
VCC
Power
Pin Description
Fast CMOS Octal Bidirectional Transceivers
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT245T
PI74FCT2245T (25
Ω
Ω
Ω
Ω
Ω Series)
Block Diagram
Description
Pericom Semiconductor’s PI74FCT245T and PI74FCT2245T are
8-bit wide octal buffer bidirectional transceivers designed for
asynchronous two-way communication between data buses. The
transmit/receive (T/R) input determines the direction of data flow
throughthebidirectionaltransceiver.Transmit(activeHIGH)enables
data from A ports to B ports, and receive (active LOW) from B ports
to A ports. The output enable (OE) input, when HIGH, disables both
A and B ports by placing them in Hi-Z condition.
PI74FCT2245T has a built-in 25-ohm series resistor on all outputs to
reduce noise because of reflections, thus eliminating the need for an
external terminating resistor.
Features
• Pin compatible with bipolar FAST™ Series at a higher speed
and lower power consumption
• 25-ohm series resistor on all outputs (FCT2245Tonly)
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packaging (Pb-free & Green Available):
– 20-pin 173-mil wide plastic TSSOP (L)
– 20-pin 300-mil wide plastic SOIC (S)
– 20-pin 209-mil wide plastic SSOP (H)
– 20-pin 150-mil wide plastic QSOP (Q)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
Vcc
OE
B0
B1
B2
B3
B4
B5
B6
B7
A0
B0
OE
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
T/R
06-0207


Similar Part No. - PI74FCT2245CTLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT2245T PERICOM-PI74FCT2245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
More results

Similar Description - PI74FCT2245CTLE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com