Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051C4 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F051C4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051C4 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F051C4 Datasheet HTML 96Page - STMicroelectronics STM32F051C4 Datasheet HTML 97Page - STMicroelectronics STM32F051C4 Datasheet HTML 98Page - STMicroelectronics STM32F051C4 Datasheet HTML 99Page - STMicroelectronics STM32F051C4 Datasheet HTML 100Page - STMicroelectronics STM32F051C4 Datasheet HTML 101Page - STMicroelectronics STM32F051C4 Datasheet HTML 102Page - STMicroelectronics STM32F051C4 Datasheet HTML 103Page - STMicroelectronics STM32F051C4 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 104 page
background image
STM32F051x
Part numbering
Doc ID 022265 Rev 3
103/105
8
Part numbering
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Table 73.
Ordering information scheme
Example:
STM32
F
051 R
8
T
6
x
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Sub-family
051 = STM32F051xx
Pin count
K = 32 pins
C = 48 pins
R = 64 pins
Code size
4 = 16 Kbytes of Flash memory
6 = 32 Kbytes of Flash memory
8 = 64 Kbytes of Flash memory
Package
U = UFQFPN
T = LQFP
Temperature range
6 = –40 °C to +85 °C
7 = –40 °C to +105 °C
Options
xxx = programmed parts
TR = tape and real



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com