Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051C4 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F051C4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051C4 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F051C4 Datasheet HTML 47Page - STMicroelectronics STM32F051C4 Datasheet HTML 48Page - STMicroelectronics STM32F051C4 Datasheet HTML 49Page - STMicroelectronics STM32F051C4 Datasheet HTML 50Page - STMicroelectronics STM32F051C4 Datasheet HTML 51Page - STMicroelectronics STM32F051C4 Datasheet HTML 52Page - STMicroelectronics STM32F051C4 Datasheet HTML 53Page - STMicroelectronics STM32F051C4 Datasheet HTML 54Page - STMicroelectronics STM32F051C4 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 104 page
background image
Electrical characteristics
STM32F051x
52/105
Doc ID 022265 Rev 3
Table 31.
Typical current consumption in Sleep mode, code running from Flash or
RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Sleep mode from VDD
supply
Running from
HSE crystal
clock 8 MHz,
code executing
from Flash or
RAM
48 MHz
13.9
2.98
mA
36 MHz
10.55
2.84
32 MHz
9.6
2.6
24 MHz
7.23
2.09
16 MHz
5.01
1.58
8 MHz
2.68
0.99
4 MHz
1.81
0.85
2 MHz
1.27
0.77
1 MHz
1.03
0.73
500 kHz
0.9
0.71
125 kHz
0.78
0.69
IDDA
Supply current in
Sleep mode from
VDDA supply
48 MHz
158
157
µA
36 MHz
119
119
32 MHz
108
107
24 MHz
83
83
16 MHz
60
60
8 MHz
2.36
2.38
4 MHz
2.36
2.38
2 MHz
2.36
2.38
1 MHz
2.36
2.38
500 kHz
2.36
2.38
125 kHz
2.36
2.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com