Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051C4 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F051C4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051C4 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F051C4 Datasheet HTML 37Page - STMicroelectronics STM32F051C4 Datasheet HTML 38Page - STMicroelectronics STM32F051C4 Datasheet HTML 39Page - STMicroelectronics STM32F051C4 Datasheet HTML 40Page - STMicroelectronics STM32F051C4 Datasheet HTML 41Page - STMicroelectronics STM32F051C4 Datasheet HTML 42Page - STMicroelectronics STM32F051C4 Datasheet HTML 43Page - STMicroelectronics STM32F051C4 Datasheet HTML 44Page - STMicroelectronics STM32F051C4 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
Electrical characteristics
STM32F051x
42/105
Doc ID 022265 Rev 3
Table 18.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD power lines (source)
(1)
1.
All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
100
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
100
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
− 25
IINJ(PIN)
Injected current on FT, FTf and B pins
-5(2)
2.
Positive injection is not possible on these I/Os and does not occur for input voltages lower than the
specified maximum value.
Injected current on TC and RST pin
± 5(3)
3.
A positive injection is induced by VIN>VDD while a negative injection is induced by VIN <VSS. IINJ(PIN) must
never be exceeded. Refer also to Table 17: Voltage characteristics for the maximum allowed input voltage
values.
Injected current on TTa pins
± 5(4)
4.
A positive injection is induced by VIN>VDDA while a negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer also to Table 17: Voltage characteristics for the maximum allowed input voltage
values. Negative injection disturbs the analog performance of the device. See note 2 below Table 56 on
page 78.
ΣIINJ(PIN)
Total injected current (sum of all I/O and control
pins)(5)
5.
When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values).
± 25
Table 19.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com