Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051C4 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32F051C4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051C4 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32F051C4 Datasheet HTML 28Page - STMicroelectronics STM32F051C4 Datasheet HTML 29Page - STMicroelectronics STM32F051C4 Datasheet HTML 30Page - STMicroelectronics STM32F051C4 Datasheet HTML 31Page - STMicroelectronics STM32F051C4 Datasheet HTML 32Page - STMicroelectronics STM32F051C4 Datasheet HTML 33Page - STMicroelectronics STM32F051C4 Datasheet HTML 34Page - STMicroelectronics STM32F051C4 Datasheet HTML 35Page - STMicroelectronics STM32F051C4 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
Pinouts and pin description
STM32F051x
32/105
Doc ID 022265 Rev 3
57
41
28
28
PB5
I/O
FT
SPI1_MOSI/I2S1_SD,
I2C1_SMBA, TIM16_BKIN,
TIM3_CH2
58
42
29
29
PB6
I/O
FTf
I2C1_SCL, USART1_TX,
TIM16_CH1N,
TSC_G5_IO3
59
43
30
30
PB7
I/O
FTf
I2C1_SDA, USART1_RX,
TIM17_CH1N,
TSC_G5_IO4
60
44
31
31
BOOT0
I
B
Boot memory selection
61
45
-
32
PB8
I/O
FTf
(3)
I2C1_SCL, CEC,
TIM16_CH1, TSC_SYNC
62
46
-
-
PB9
I/O
FTf
I2C1_SDA, IR_OUT,
TIM17_CH1, EVENTOUT
63
47
32
0
VSS
S
Ground
64
48
1
1
VDD
S
Digital power supply
1.
PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIO PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- these GPIOs must not be used as a current sources (e.g. to drive an LED).
2.
After the first backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the Backup registers which is not reset by the main reset. For details on how to manage these GPIOs, refer to
the Battery backup domain and BKP register description sections in the reference manual.
3.
On LQFP32 package, PB2 and PB8 should be treated as unconnected pins (even when they are not available on the
package, they are not forced to a defined level by hardware).
4.
After reset, these pins are configured as SWDAT and SWCLK alternate functions, and the internal pull-up on SWDAT pin
and internal pull-down on SWCLK pin are activated.
Table 13.
Pin definitions (continued)
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com