Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857AST Datasheet(PDF) 4 Page - Analog Devices

Part # AD9857AST
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857AST Datasheet(HTML) 4 Page - Analog Devices

  AD9857AST Datasheet HTML 1Page - Analog Devices AD9857AST Datasheet HTML 2Page - Analog Devices AD9857AST Datasheet HTML 3Page - Analog Devices AD9857AST Datasheet HTML 4Page - Analog Devices AD9857AST Datasheet HTML 5Page - Analog Devices AD9857AST Datasheet HTML 6Page - Analog Devices AD9857AST Datasheet HTML 7Page - Analog Devices AD9857AST Datasheet HTML 8Page - Analog Devices AD9857AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9857
Rev. C | Page 4 of 40
GENERAL DESCRIPTION
The AD9857 integrates a high speed direct digital synthesizer
(DDS), a high performance, high speed, 14-bit digital-to-analog
converter (DAC), clock multiplier circuitry, digital filters, and
other DSP functions onto a single chip, to form a complete
quadrature digital upconverter device. The AD9857 is intended
to function as a universal I/Q modulator and agile upconverter,
single-tone DDS, or interpolating DAC for communications
applications, where cost, size, power dissipation, and dynamic
performance are critical attributes.
The AD9857 offers enhanced performance over the industry-
standard AD9856, as well as providing additional features.
The AD9857 is available in a space-saving, surface-mount
package and is specified to operate over the extended industrial
temperature range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com