Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD9857AST
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9857AST Datasheet HTML 6Page - Analog Devices AD9857AST Datasheet HTML 7Page - Analog Devices AD9857AST Datasheet HTML 8Page - Analog Devices AD9857AST Datasheet HTML 9Page - Analog Devices AD9857AST Datasheet HTML 10Page - Analog Devices AD9857AST Datasheet HTML 11Page - Analog Devices AD9857AST Datasheet HTML 12Page - Analog Devices AD9857AST Datasheet HTML 13Page - Analog Devices AD9857AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9857
Rev. C | Page 10 of 40
Pin Number
Mnemonic
I/O
Function
35, 37, 38, 43,
48, 54, 58, 64
AVDD
3.3 V Analog Power pin(s).
36, 39, 40, 42,
44, 47, 53, 56,
59, 61, 65
AGND
Analog Ground pin(s).
45
IOUT
O
DAC Output pin. Normal DAC output current (analog).
46
IOUT
O
DAC Complementary Output pin. Complementary DAC output current (analog).
49
DAC_BP
DAC Reference Bypass. Typically not used.
50
DAC_RSET
I
DAC Current Set pin. Sets DAC reference current.
55
PLL_FILTER
O
PLL Filter. R-C network for PLL filter.
60
DIFFCLKEN
I
Clock Mode Select pin. A logic high on this pin selects DIFFERENTIAL REFCLK input mode. A logic
low selects the SINGLE-ENDED REFCLK input mode.
62
REFCLK
I
Reference Clock pin. In single-ended clock mode, this pin is the Reference Clock input. In differential
clock mode, this pin is the positive clock input.
63
REFCLK
I
Inverted Reference Clock pin. In differential clock mode, this pin is the negative clock input.
66
DPD
I
Digital Power-Down pin. Assertion of this pin shuts down the digital sections of the device to
conserve power. However, if selected, the PLL remains operational.
67
RESET
I
Hardware RESET pin. An active high input that forces the device into a predefined state.
68
PLL_LOCK
O
PLL Lock pin. Active high output signifying, in real time, when PLL is in lock state.
69
CIC_OVRFL
O
CIC Overflow pin. Activity on this pin indicates that the CIC Filters are in “overflow” state. This pin is
typically low unless a CIC overflow occurs.
79
PDCLK/FUD
I/O
Parallel Data Clock/Frequency Update pin. When not in single-tone mode, this pin is an output
signal that should be used as a clock to synchronize the acceptance of the 14-bit parallel
data-words on Pins D13–D0. In single-tone mode, this pin is an input signal that synchronizes the
transfer of a changed frequency tuning word (FTW) in the active profile (PSx) to the accumulator
(FUD = frequency update signal). When profiles are changed by means of the PS–PS1 pins, the FUD
does not have to be asserted to make the FTW active.
80
TxENABLE
I
When TxENABLE is asserted, the device processes the data through the I and Q data pathways;
otherwise 0s are internally substituted for the I and Q data entering the signal path. The first data
word accepted when the TxENABLE is asserted high is treated as I data, the next data word is Q data,
and so forth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com