Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857AST Datasheet(PDF) 6 Page - Analog Devices

Part # AD9857AST
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857AST Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9857AST Datasheet HTML 2Page - Analog Devices AD9857AST Datasheet HTML 3Page - Analog Devices AD9857AST Datasheet HTML 4Page - Analog Devices AD9857AST Datasheet HTML 5Page - Analog Devices AD9857AST Datasheet HTML 6Page - Analog Devices AD9857AST Datasheet HTML 7Page - Analog Devices AD9857AST Datasheet HTML 8Page - Analog Devices AD9857AST Datasheet HTML 9Page - Analog Devices AD9857AST Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9857
Rev. C | Page 6 of 40
Parameter
Temp
Test Level
Min
Typ
Max
Unit
MODULATOR CHARACTERISTICS (65 MHz AOUT)
(Input data: 2.5 MS/s, QPSK, 4× oversampled, inverse SINC
filter ON, inverse CIC ON)
I/Q Offset
25°C
IV
55
65
dB
Error Vector Magnitude
25°C
IV
0.4
1
%
INVERSE SINC FILTER (variation in gain from DC to 80 MHz,
inverse SINC filter ON)
25°C
V
±0.1
dB
SPURIOUS POWER (off channel, measured in equivalent
bandwidth), Full-Scale Output
6.4 MHz Bandwidth
25°C
IV
−65
dBc
3.2 MHz Bandwidth
25°C
IV
−67
dBc
1.6 MHz Bandwidth
25°C
IV
−69
dBc
0.8 MHz Bandwidth
25°C
IV
−69
dBc
0.4 MHz Bandwidth
25°C
IV
−70
dBc
0.2 MHz Bandwidth
25°C
IV
−72
dBc
SPURIOUS POWER (Off channel, measured in equivalent
bandwidth), Output Attenuated 18 dB
Relative to Full Scale
6.4 MHz Bandwidth
25°C
IV
−51
dBc
3.2 MHz Bandwidth
25°C
IV
−54
dBc
1.6 MHz Bandwidth
25°C
IV
−56
dBc
0.8 MHz Bandwidth
25°C
IV
−59
dBc
0.4 MHz Bandwidth
25°C
IV
−62
dBc
0.2 MHz Bandwidth
25°C
IV
−63
dBc
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
25°C
I
10
MHz
Minimum Clock Pulse Width Low (tPWL)
25°C
I
30
ns
Minimum Clock Pulse Width High (tPWH)
25°C
I
30
ns
Maximum Clock Rise/Fall Time
25°C
I
1
ms
Minimum Data Setup Time (tDS)
25°C
I
30
ns
Minimum Data Hold Time (tDH)
25°C
I
0
ns
Maximum Data Valid Time (tDV)
25°C
I
35
ns
Wake-Up Time1
25°C
I
1
ms
Minimum RESET Pulse Width High (tRH)
25°C
I
5
SYSCLK22Cycles
Minimum CS Setup Time
25°C
I
40
ns
CMOS LOGIC INPUTS
Logic 1 Voltage
25°C
IV
2.0
V
Logic 0 Voltage
25°C
IV
0.8
V
Logic 1 Current
25°C
I
5
µA
Logic 0 Current
25°C
I
5
µA
Input Capacitance
25°C
V
3
pF
CMOS LOGIC OUTPUTS (1 mA LOAD)
Logic 1 Voltage
25°C
I
2.7
V
Logic 0 Voltage
25°C
I
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com