Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX433S Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX433S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX433S Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ALPHA-RX433S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 10Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 11Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 12Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 13Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 14Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 15Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 12
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
i2..i0:select baseband bandwidth
dc:Disable signal output of CLK pin
3
.
.
.
. Frequency Setting Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
0
1
0
f11
f10
f9
f8
f7
f6
f5
f4
f3
f2
f1
f0
A680h
f11..f0: Set operation frequency
315band: Fc=310+F*0.0025 MHz
433band: Fc=430+F*0.0025 MHz
868band: Fc=860+F*0.0050 MHz
915band: Fc=900+F*0.0075 MHz
Fc is carrier frequency, F is frequency parameter and 36≤F≤3903
4
.
.
.
. Receiver Setting Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
0
0
0
d1
d0
g1
g0
r2
r1
r0
en
C0C1h
d1..d0: select VDI source
d1
d0
VDI output
0
0
Digital RSSI output(DRSSI)
0
1
Data quality detection output (DQD)
1
0
Clock recovery lock output
1
1
Always on
g1..g0: select LNA gain
g1
g0
LNA gain (dBm)
0
0
0
0
1
-14
1
0
-6
1
1
-20
i2
i1
i0
Baseband Bandwidth [kHz]
0
0
0
reserved
0
0
1
400
0
1
0
340
0
1
1
270
1
0
0
200
1
0
1
134
1
1
0
67
1
1
1
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com