Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX433S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX433S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX433S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ALPHA-RX433S Datasheet HTML 2Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 3Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 4Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 5Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 6Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 6
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
Transmitter Technical Specifications
Maximum Ratings (not Operating)
Symbol
Parameter
Minimum
Maximum
Unit
VDD
Positive Supply
-0.5
6.0
V
VIN
All pin input level
-0.5
Vdd +0.5
V
IIN
Input current except power
-25
+25
mA
TST
Storage Temp
-55
125
oC
TID
Soldering Temp
260
oC
Maximum Working Range
Symbol
Parameter
Minimum
Maximum
Unit
VDD
Positive Supply
2.2
5.4
V
TOP
Operating Temp
-40
85
oC
DC Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
IDD
Current Consumption @ 433MHz
@ 915MHz
@ 0dBm Power output
12
15
mA
IDD
Current Consumption
@ max power output
23
mA
IPD
Sleep Mode Current
0.3
uA
IWT
Wake up timer consumption
1.5
uA
ILB
Low Battery Detector Current
0.5
uA
IX
Idle Mode (crystal only)
1.5
mA
VLB
Low Battery Detect range (0.1V steps)
2.2
5.3
mV
VIL
Low Level Input
0.3 x VDD
V
VIH
High Level Input
0.7xVDD
V
IIL
Leakage Current, VIL = 0V
-1
1
uA
IIH
Leakage Current, VIH = VDD, VDD = 5.4V
-1
1
uA
VOL
Low Level output, IOL = 2mA
0.4
V
VOH
High Level output, IOH = 2mA
VDD-0.4
V
AC Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FREF
FO
Frequency
@433MHz 2.5KHz Step
@915MHz 7.5KHz Step
430.24
900.72
439.75
929.27
MHz
TLOCK
PLL Lock time, after 10Mhz step hopping.
20
uS
TSP
PLL Start time, after crystal stabilised
250
uS
5
7
PMAX
Max Available Power Output
@433MHz
@915MHz
2
4
dBm
QO
Q Factor of Output capacitance
16
18
22
BRFSK
FSK Data Rate
115.2
kbps
DFFSK
FSK Deviation, 30KHz step
30
210
KHz
TPBT
Period for Wake Up timer
0.95
1.05
mS
TWAKEUP
Wake Up Timer
1
2x10
9
mS
TPQR
Power up time
100
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com