Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX433S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX433S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX433S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ALPHA-RX433S Datasheet HTML 3Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 4Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 5Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 6Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 10Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 7
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
Transmitter Programming Guide
1
.
.
.
.
Brief description
The ALPHA Transmitter is a low cost FSK transmitter. It needs only an MCU, crystal, decoupling capacitor
and antenna to build a high reliability FSK transmitter. The operation frequency can cover 300 to
1000MHz.
The module supports a command interface to setup frequency, deviation, output power and also data rate.
2
.
.
.
.
Commands
1
.
.
.
. Timing diagram
2
.
.
.
. Configuration Setting Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
0
0
b1
b0
d2
d1
d0
x3
x2
x1
x0
ms
m2
m1
m0
8080h
b1..b0: band select:
b1
b0
band[MHz]
0
1
433
1
0
868
1
1
915
d2..d0: select frequency of CLK pin
d2
d1
d0
CLK frequency[MHz]
0
0
0
1
0
0
1
1.25
0
1
0
1.66
0
1
1
2
1
0
0
2.5
1
0
1
3.33
1
1
0
5
1
1
1
10
CLK signal is derived from the crystal oscillator and can be applied to the MCU clock in to save a
second crystal. If not used, please set bit “dc” to disable CLK output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com