Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXT4100 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPXT4100
Description  X-ducer SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT4100 Datasheet(HTML) 4 Page - Motorola, Inc

  MPXT4100 Datasheet HTML 1Page - Motorola, Inc MPXT4100 Datasheet HTML 2Page - Motorola, Inc MPXT4100 Datasheet HTML 3Page - Motorola, Inc MPXT4100 Datasheet HTML 4Page - Motorola, Inc MPXT4100 Datasheet HTML 5Page - Motorola, Inc MPXT4100 Datasheet HTML 6Page - Motorola, Inc MPXT4100 Datasheet HTML 7Page - Motorola, Inc MPXT4100 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPXT4100 MPXT4101 MPXT4105 SERIES
4
Motorola Sensor Device Data
Figure 2. Cross Sectional Diagram
(Not to Scale)
µ PROCESSOR
A/D
51 k
50 pF
SENSOR
OUTPUT
(PIN 1)
Figure 3. Decoupling Filter for Sensor to
Microprocessor Interface
FLUORO SILICONE
DIE COAT
WIRE BONDS
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
EPOXY CASE
P1
Figure 2 illustrates an absolute sensing chip in the basic
chip carrier (Case 473). A fluorosilicone gel isolates the die
surface and wire bonds from the environment, while allowing
the pressure signal to be transmitted to the sensor dia-
phragm. The MPXT4100A/4101A/4105A series pressure
sensor operating characteristics, and internal reliability and
qualification tests are based on use of dry air as the pressure
media. Media, other than dry air, may have adverse effects
on sensor performance and long–term reliability. Contact the
factory for information regarding media compatibility in your
application.
Figure 3 shows a typical decoupling circuit for interfacing
the integrated MAP sensor to the A/D input of a microproces-
sor. Proper decoupilng of the power supply is recommended.
Figures 4, 5, and 6 show the sensor output signal relative
to pressure input. Typical, minimum, and maximum output
curves are shown for operation over a temperature range of
0
° to 85°C. (The output will saturate outside of the specified
pressure range.)
5.0
4.5
4.0
3.5
3.0
Pressure (ref: to sealed vacuum) in kPa
TYP
MAX
MIN
2.5
2.0
1.5
1.0
0.5
0
Figure 4. Output versus Absolute Pressure
TEMP = 0 to 85
°C
20 kPA TO 105 kPA
MPXT4100A
TRANSFER FUNCTION:
Vout = Vs* (.01059*P–.152) ± Error
VS = 5.1 Vdc
6.0
5.0
4.0
3.0
2.0
Pressure (ref: to sealed vacuum) in kPa
TYP
MAX
MIN
1.0
0.0
Figure 5. Output versus Absolute Pressure
TEMP = 0 to 85
°C
15 kPA TO 102 kPA
MPXT4101A
TRANSFER FUNCTION:
Vout = Vs* (.01059*P–.109) ± Error
VS = 5.1 Vdc
5.0
4.5
4.0
3.5
3.0
Pressure (ref: to sealed vacuum) in kPa
MAX
MIN
2.5
2.0
1.5
1.0
0.5
0
Figure 6. Output versus Absolute Pressure
TEMP = 0 to 85
°C
15 kPA TO 105 kPA
MPXT4105A
TRANSFER FUNCTION:
Vout = Vs* (0.01*P–0.09) ± Error
VS = 5.1 Vdc
TYP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com