Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXT4100 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPXT4100
Description  X-ducer SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT4100 Datasheet(HTML) 1 Page - Motorola, Inc

  MPXT4100 Datasheet HTML 1Page - Motorola, Inc MPXT4100 Datasheet HTML 2Page - Motorola, Inc MPXT4100 Datasheet HTML 3Page - Motorola, Inc MPXT4100 Datasheet HTML 4Page - Motorola, Inc MPXT4100 Datasheet HTML 5Page - Motorola, Inc MPXT4100 Datasheet HTML 6Page - Motorola, Inc MPXT4100 Datasheet HTML 7Page - Motorola, Inc MPXT4100 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Sensor Device Data
Manifold Absolute Pressure Sensors
On-Chip Signal Conditioned,
0.25 V to 4.9 V Output, Temperature
Compensated and Calibrated
The Motorola MPXT4100A/4101A/4105A series Manifold Absolute Pressure (MAP)
sensor for engine control is designed to sense absolute air pressure within the intake
manifold. This measurement can be used to compute the amount of fuel required for
each cylinder. The small form factor and high reliability of on–chip integration makes the
Motorola MAP sensor a logical and economical choice for automotive system designers.
Features
• 1.8% Maximum Error Over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute Pressure Sensing in Engine
Control Systems
• Ideally Suited for Microprocessor Interfacing
• Patented Silicon Shear Stress Strain Gauge
• Temperature Compensated Over –40°C to +125°C
• Surface Mount Package
• Ideal for Non–Automotive Applications
• Also Available in Unibody Package
Application Examples
• Manifold Sensing for Automotive Systems
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Overpressure(1) (P1 > P2)
Pmax
400
kPa
Burst Pressure(1) (P1 > P2)
Pburst
1000
kPa
Storage Temperature
Tstg
– 40 to +125
°C
Operating Temperature
TA
– 40 to +125
°C
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
3
X–ducer
SENSING
ELEMENT
1
Vout
2
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 5, 6, 7 AND 8 ARE NO CONNECTS
The MPXT4100A/4101A/4105A series piezoresistive
transducer is a state–of–the–art, monolithic, signal con-
ditioned, silicon pressure sensor. This sensor, with its pat-
ented transducer, combines advanced micromachining
techniques, thin film metallization, and bipolar semicon-
ductor processing to provide an accurate, high level analog
output signal that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry
integrated on a pressure sensor chip.
Senseon and X–ducer are trademarks of Motorola, Inc.
Order this document
by MPXT4100/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
MPXT4100
MPXT4101
MPXT4105
SERIES
4100A: 20–105 kPa
4101A: 15–102 kPa
4105A: 15–105 kPa
X–ducer
SILICON
PRESSURE SENSORS
PIN NUMBER
NOTE: Pins 5, 6, 7, and 8 are not
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the Lead.
BASIC ELEMENT
CASE 473A–01, STYLE 2
1
2
3
Gnd
+Vout
VS
5
6
7
N/C
N/C
N/C
48
*Vout
N/C


Similar Part No. - MPXT4100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXT2010 MOTOROLA-MPXT2010 Datasheet
91Kb / 4P
COMPENSATED PRESSURE SENSOR
MPXT2010G7U MOTOROLA-MPXT2010G7U Datasheet
91Kb / 4P
COMPENSATED PRESSURE SENSOR
MPXT5006D MOTOROLA-MPXT5006D Datasheet
112Kb / 4P
INTEGRATED PRESSURE SENSOR
More results

Similar Description - MPXT4100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
X-ducer SILICON PRESSURE SENSORS
MPX4105A MOTOROLA-MPX4105A Datasheet
127Kb / 6P
4105A: 15-105 kPa X-ducer SILICON PRESSURE SENSOR
MPX5999D MOTOROLA-MPX5999D Datasheet
84Kb / 6P
X-ducer SILICON PRESSURE SENSORS
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
100kPa Uncompensated Silicon Pressure Sensors
MPX201 MOTOROLA-MPX201 Datasheet
507Kb / 9P
X-ducer SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
logo
List of Unclassifed Man...
TPS31 ETC2-TPS31 Datasheet
138Kb / 4P
Silicon Pressure Sensors
logo
Honeywell Solid State E...
ASDX HONEYWELL-ASDX Datasheet
312Kb / 6P
ASDX Series Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com