Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXT4100 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPXT4100
Description  X-ducer SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT4100 Datasheet(HTML) 2 Page - Motorola, Inc

  MPXT4100 Datasheet HTML 1Page - Motorola, Inc MPXT4100 Datasheet HTML 2Page - Motorola, Inc MPXT4100 Datasheet HTML 3Page - Motorola, Inc MPXT4100 Datasheet HTML 4Page - Motorola, Inc MPXT4100 Datasheet HTML 5Page - Motorola, Inc MPXT4100 Datasheet HTML 6Page - Motorola, Inc MPXT4100 Datasheet HTML 7Page - Motorola, Inc MPXT4100 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPXT4100 MPXT4101 MPXT4105 SERIES
2
Motorola Sensor Device Data
MPXT4100A SERIES OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
20
105
kPa
Supply Voltage(2)
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
7.0
10
mAdc
Offset(3)
(0 to 85
°C)
Voff
0.225
0.306
0.388
V
Full Scale Output(4)
(0 to 85
°C)
VFSO
4.816
4.897
4.978
Vdc
Full Scale Span(5)
(0 to 85
°C)
VFSS
4.510
4.591
4.672
V
Accuracy(6)
(0 to 85
°C)
±1.8
%VFSS
Sensitivity
∆V/∆P
54
mV/kPa
Response Time(7)
tR
1.0
ms
Output Source Current at Full Scale Output
Io+
0.1
mA
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight, Basic Element (Case 473)
2.0
Grams
Warm–Up Time(8)
15
mSec
Cavity Volume
0.01
IN3
Volumetric Displacement
0.001
IN3
Common Mode Line Pressure(11)
690
kPa
MPXT4101A SERIES OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
15
102
kPa
Supply Voltage(2)
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
7.0
10
mAdc
Offset(3)
(0 to 85
°C)
Voff
0.171
0.252
0.333
V
Full Scale Output(4)
(0 to 85
°C)
VFSO
4.870
4.951
5.032
Vdc
Full Scale Span(5)
(0 to 85
°C)
VFSS
4.618
4.700
4.782
V
Accuracy(6)
(0 to 85
°C)
±1.8
%VFSS
Sensitivity
∆V/∆P
54
mV/kPa
Response Time(7)
tR
1.0
ms
Output Source Current at Full Scale Output
Io+
0.1
mA
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight, Basic Element (Case 473)
2.0
Grams
Warm–Up Time(8)
15
mSec
Cavity Volume
0.01
IN3
Volumetric Displacement
0.001
IN3
Common Mode Line Pressure(11)
690
kPa



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com