Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  Product Brief Integrated Processor With DMA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  M68000PM/AD Datasheet HTML 1Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 2Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MOTOROLA
MC68340 PRODUCT INFORMATION
5
CENTRAL PROCESSOR UNIT
The CPU32 is a powerful central processor that supervises system functions, makes decisions, manipulates
data, and directs I/O. A special debugging mode simplifies processor emulation during system debug.
CPU32
The CPU32 is an M68000 family processor specially designed for use as a 32-bit core processor and for
operation over the intermodule bus (IMB). Designers used the MC68020 as a model and included advances
of the later M68000 family processors, resulting in an instruction execution performance of 4 MIPS (VAX-
equivalent) at 25.16 MHz.
The powerful and flexible M68000 architecture is the basis of the CPU32. MC68000 (including the
MC68HC000 and the MC68EC000) and MC68010 user programs will run unmodified on the CPU32. The
programmer can use any of the eight 32-bit data registers for fast manipulation of data and any of the eight
32-bit address registers for indexing data in memory. The CPU32 can operate on data types of single bits,
binary-coded decimal (BCD) digits, and 8, 16, and 32 bits. Peripherals and data in memory can reside
anywhere in the 4-Gbyte linear address space. A supervisor operating mode protects system-level
resources from the more restricted user mode, allowing a true virtual environment to be developed.
Flexible instructions for data movement, arithmetic functions, logical operations, shifts and rotates, bit set
and clear, conditional and unconditional program branches, and overall system control are supported,
including a fast 32
× 32 multiply and 32-bit conditional branches. Instructions, such as table lookup and
interpolate and low power stop, support specific requirements of embedded control applications. Many
addressing modes complement these instructions, including predecrement and postincrement, which allow
simple stack and queue maintenance and scaled indexed for efficient table accesses. Data types and
addressing modes are supported orthogonally by all data operations and with all appropriate addressing
modes. Position-independent code is easily written.
The CPU32 is specially optimized to run with the MC68340's 16-bit data bus. Most instructions execute in
one-half the number of clocks compared to the original MC68000, yielding an overall 1.6 times the
performance of the same-speed MC68000 and measuring 10,045 Dhrystones/sec @ 25.16 MHz
(6,742 Dhrystones/sec @ 16.78 MHz).
Like all M68000 family processors, the CPU32 recognizes interrupts of seven different priority levels and
allows the peripheral to vector the processor to the desired service routine. Internal trap exceptions ensure
proper instruction execution with good addresses and data, allow operating system intervention in special
situations, and permit instruction tracing. Hardware signals can either terminate or rerun bad memory
accesses before instructions process data incorrectly.
The CPU32 offers the programmer full 32-bit data processing performance with complete M68000
compatibility, yet with more compact code than is available with RISC processors. The CPU32 is identical in
all CPU32-based M68300 family products.
BACKGROUND DEBUG MODE
A special operating mode is available in the CPU32 in which normal instruction execution is suspended
while special on-chip microcode performs the functions of a debugger. Commands are received over a
dedicated, high-speed, full-duplex serial interface. Commands allow the manual reading or writing of CPU32
registers, reading or writing of external memory locations, and diversion to user-specified patch code. This
background debug mode permits a much simpler emulation environment while leaving the processor chip in
the target system, running its own debugging operations.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com