Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  Product Brief Integrated Processor With DMA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  M68000PM/AD Datasheet HTML 1Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 2Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
MC68340 PRODUCT INFORMATION
MOTOROLA
The primary features of the MC68340 are as follows:
• High Functional Integration on a Single Piece of Silicon
• CPU32—MC68020-Derived 32-Bit Central Processor Unit
— Upward Object-Code Compatible with MC68000 and MC68010
— Additional 32-Bit MC68020 Instructions and Addressing Modes
— Unique Embedded Control Instructions
— Fast Two-Clock Register Instructions—10,045 Dhrystones/Second
• Two-Channel Low-Latency DMA Controller for High-Speed Memory Transfers
— Single- or Dual-Address Transfers
— 32-Bit Addresses and Counters
— 8-, 16-, and 32-Bit Data Transfers
— 50 Mbyte/Sec Sustained Transfers (12.5 Mbyte/Sec Memory-to-Memory)
• Two-Channel Universal Synchronous/Asynchronous Receiver/Transmitter (USART)
— Baud Rate Generators
— Modem Control
— MC68681/MC2681 Compatible
— 9.8 Mbits/Sec Maximum Transfer Rate
• Two Independent Counter/Timers
— 16-Bit Counter
— Up to 8-Bit Prescaler
— Multimode Operation
— 80-ns Resolution
• System Integration Module Incorporates Many Functions Typically Relegated to
External PALs, TTL, and ASIC, such as:
— System Configuration
— External Bus Interface
— System Protection
— Periodic Interrupt Timer
— Chip Select and Wait State Generation
— Interrupt Response
— Clock Generation
— Bus Arbitration
— Dynamic Bus Sizing
— IEEE 1149.1 Boundary Scan (JTAG)
— Up to 16 Discrete I/O Lines
— Power-On Reset
• 32 Address Lines, 16 Data Lines
• Power Consumption Control
— Static HCMOS Technology Reduces Power in Normal Operation
— Low Voltage Operation at 3.3 V
±0.3 V (MC68340V only)
— Programmable Clock Generator Throttles Frequency
— Unused Peripherals Can Be Turned Off
— LPSTOP Provides an Idle State for Lowest Standby Current
• 0–16.78 MHz or 0–25.16 MHz Operation
• 144-Pin Ceramic Quad Flat Pack (CQFP) or 145-Pin Plastic Pin Grid Array (PGA)
As a low voltage part, the MC68340V can operate with a 3.3-V power supply. MC68340 is used throughout
this document to refer to both the low voltage and standard 5-V parts since both are functionally equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com