Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  Product Brief Integrated Processor With DMA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  M68000PM/AD Datasheet HTML 1Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 2Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOTOROLA
SEMICONDUCTOR
PRODUCT INFORMATION
Product Brief
Integrated Processor With DMA
The MC68340 is a high-performance 32-bit integrated processor with direct memory access (DMA),
combining an enhanced M68000-compatible processor, 32-bit DMA, and other peripheral subsystems on a
single integrated circuit. The MC68340 CPU32 delivers 32-bit CISC processor performance from a lower
cost 16-bit memory system. The combination of peripherals offered in the MC68340 can be found in a
diverse range of microprocessor-based systems, including embedded control and general computing.
Systems requiring very high-speed block transfers of data can especially benefit from the MC68340's DMA.
The MC68340's high level of functional integration results in significant reductions in component count,
power consumption, board space, and cost while yielding much higher system reliability and shorter design
time. The 3.3-V MC68340V is particularly attractive to applications requiring a very tight power budget.
Complete code compatibility with the MC68000 affords the designer access to a broad base of established
real-time kernels, operating systems, languages, applications, and development tools—many oriented
towards embedded control. Figure 1 shows a block diagram of the MC68340.
CPU32
CORE
TWO-
CHANNEL
SERIAL
I/O
TWO-CHANNEL DMA
CONTROLLER
EXTERNAL
BUS
INTERFACE
CLOCK
SYSTEM
INTEGRATION
MODULE
BUS
ARBITRATION
INTERMODULE BUS
TIMER
MODULE
TIMER
MODULE
SYSTEM
PROTECTION
IEEE TEST
16
32
Figure 1. MC68340 Simplified Block Diagram
Order this document
by MC68340/D
MC68340
MC68340V
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
© MOTOROLA INC.,
1992
Rev 3
Also Replaces BR752/D


Similar Part No. - M68000PM/AD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
M68000PM/AD FREESCALE-M68000PM/AD Datasheet
86Kb / 10P
Superscalar 32-Bit Microprocessors
M68000PM/AD FREESCALE-M68000PM/AD Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller
logo
NXP Semiconductors
M68000PM/AD NXP-M68000PM/AD Datasheet
1Mb / 37P
Integrated CPU32 Processor
Rev 1
M68000PM/AD NXP-M68000PM/AD Datasheet
868Kb / 6P
Integrated Multiprotocol Processor with PCMCIA
More results

Similar Description - M68000PM/AD

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
Motorola, Inc
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
Integrated Portable System Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
Integrated Portable System Processor Product Brief
logo
ESS Technology,Inc
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
logo
Freescale Semiconductor...
MC68LC302AF16CT FREESCALE-MC68LC302AF16CT Datasheet
570Kb / 6P
Product Brief Low Cost Integrated Multiprotocol Processor
MC68340FT16E FREESCALE-MC68340FT16E Datasheet
52Kb / 10P
Integrated Processor With DMA
MC68340AG16E FREESCALE-MC68340AG16E Datasheet
220Kb / 10P
Integrated Processor With DMA
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
Integrated Processor with DMA Users Manual
logo
Motorola, Inc
MC68340P MOTOROLA-MC68340P Datasheet
52Kb / 10P
Integrated Processor With DMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com