Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBULC1606-4M8 Datasheet(PDF) 9 Page - STMicroelectronics

Part # USBULC1606-4M8
Description  Ultra low capacitance ESD protection for enhanced mini USB interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC1606-4M8 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button USBULC1606-4M8 Datasheet HTML 5Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 6Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 7Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 8Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 9Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 10Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 11Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 12Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
USBULC1606-4M8
Package information
Doc ID 16864 Rev 1
9/15
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 4.
Micro QFN 1.7 x 1.35 package dimensions
Ref
Dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0.00
0.025
0.05
0.00
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.60
1.7
1.80
0.063
0.067
0.071
D2
1.10
1.2
1.30
0.043
0.047
0.051
E
1.25
1.35
1.45
0.050
0.053
0.057
E2
0.30
0.40
0.50
0.012
0.016
0.020
e
0.40
0.016
k
0.17
0.007
L
0.15
0.25
0.35
0.006
0.010
0.014
A
A1
E
D
D2
e
b
k
E2
L
Pin 1 index area
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com