Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBULC1606-4M8 Datasheet(PDF) 11 Page - STMicroelectronics

Part # USBULC1606-4M8
Description  Ultra low capacitance ESD protection for enhanced mini USB interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC1606-4M8 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button USBULC1606-4M8 Datasheet HTML 7Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 8Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 9Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 10Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 11Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 12Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 13Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 14Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
USBULC1606-4M8
Recommendation on PCB assembly
Doc ID 16864 Rev 1
11/15
4
Recommendation on PCB assembly
4.1
Stencil opening design
1.
General recommendation on stencil opening design
a)
Stencil opening dimensions: L (Length), W (Width), T (Thickness).
Figure 22.
Stencil opening dimensions
b)
General design rule
Stencil thickness (T) = 75 ~ 125 µm
2.
Reference design
a)
Stencil opening thickness: 100 µm
b)
Stencil opening for central exposed pad: Opening to footprint ratio is 50%.
c)
Stencil opening for leads: Opening to footprint ratio is 90%.
Figure 23.
Recommended stencil window position
L
T
W
Aspect Ratio
W
T
-----
1.5
≥
=
Aspect Area
LW
×
2T L
W
+
()
----------------------------
0.66
≥
=
200 µm
190 µm
12.5 µm
12.5 µm
5µm
5µm
1200 µm
400
450 µm
µm
960 µm
120 µm
120 µm
80 µm
80 µm
Footprint
Stencil windo w
Footprint
0.4
0.2
0.45
0.225
1.4
1.75
0.4
1.2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com