Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBULC1606-4M8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # USBULC1606-4M8
Description  Ultra low capacitance ESD protection for enhanced mini USB interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC1606-4M8 Datasheet(HTML) 2 Page - STMicroelectronics

  USBULC1606-4M8 Datasheet HTML 1Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 2Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 3Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 4Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 5Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 6Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 7Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 8Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Characteristics
USBULC1606-4M8
2/15
Doc ID 16864 Rev 1
1
Characteristics
Table 1.
Absolute maximum ratings Tamb = 25 °C
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, level 4
Contact discharge HV diode
Contact discharge LV diodes
Air discharge all pins
15
15
8
kV
VLVMAX DC Voltage on low-voltage pins
6.0
V
VHVMAX DC Voltage on high-voltage pin (Vcc pin)
14.5
V
Ipp
Peak pulse current (8/20 µs) on high voltage pin (Vcc pin)
2.5
A
Ppp
Peak pulse power dissipation (8/20 µs) on high voltage pin (Vcc pin)
(1)
Tj initial = Tamb
70
W
Tj
Junction temperature
125
°C
Top
Operating temperature range
-30 to + 85
°C
Tstg
Storage temperature range
-55 to +150
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit
Table 2.
Electrical characteristics Tamb = 25 °C, otherwise specified
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF1 +
LV Diode Reverse Voltage –
Positive Voltage
IF = 10 mA
6.8
9.2
V
VF1 -
LV Diode Forward Voltage –
Negative Voltage
IF = 10 mA
-1.05
-0.6
V
IRM1
Low Voltage diode leakage current
VIN = 3.3 V, VN = 0 V
Ta = -30 to + 65 °C
0.1
µA
Rd1
Dynamic Resistance of LV Diode
IPP = 1 A, tp = 8/20 µs
1.5
Ω
C1
Low Voltage diode input
capacitance
VIN = 0 V,
Vosc = 30 mV
F = 1 MHz
Any I/O pin to VN
0.95
1.1
pF
VIN = 200 mV,
Vosc = 200 mV
F = 240 MHz
Any I/O pin to VN
0.5
0.55
VCL1
Low Voltage diode clamping
voltage
IPP = 1 A, tp = 8/20 µs
Positive Transient
Negative transient
10
-2.4
V
VCL2
High Voltage diode clamping
voltage
IPP = 1 A, tp = 8/20 µs
IPP = 2.5 A, tp = 8/20 µs
21
28
V
VF2 +
HV Diode Reverse Voltage –
Positive Voltage
IF = 10 mA
14.6
17.7
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com