Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT14ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # MAT14ARZ
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT14ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button MAT14ARZ Datasheet HTML 2Page - Analog Devices MAT14ARZ Datasheet HTML 3Page - Analog Devices MAT14ARZ Datasheet HTML 4Page - Analog Devices MAT14ARZ Datasheet HTML 5Page - Analog Devices MAT14ARZ Datasheet HTML 6Page - Analog Devices MAT14ARZ Datasheet HTML 7Page - Analog Devices MAT14ARZ Datasheet HTML 8Page - Analog Devices MAT14ARZ Datasheet HTML 9Page - Analog Devices MAT14ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MAT14
Rev. A | Page 6 of 12
0.01
0.1
1
10
0.01
0.1
1
10
100
COLLECTOR CURRENT (mA)
TA = 25°C
TA = 85°C
TA = 125°C
Figure 8. Saturation Voltage vs. Collector Current
1
10
100
1
10
100
1k
10k
FREQUENCY (Hz)
1mA
10µA
Figure 9. Noise Voltage Density vs. Frequency
0
40
80
120
160
200
0.001
0.01
0.1
1
COLLECTOR CURRENT (mA)
100k
Ω
10k
Ω
1k
Ω
Figure 10. Total Noise vs. Collector Current
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
COLLECTOR-TO-BASE VOLTAGE (V)
Figure 11. Collector-to-Base Capacitance vs. Collector-to-Base Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com