Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT14ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # MAT14ARZ
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT14ARZ Datasheet(HTML) 1 Page - Analog Devices

  MAT14ARZ Datasheet HTML 1Page - Analog Devices MAT14ARZ Datasheet HTML 2Page - Analog Devices MAT14ARZ Datasheet HTML 3Page - Analog Devices MAT14ARZ Datasheet HTML 4Page - Analog Devices MAT14ARZ Datasheet HTML 5Page - Analog Devices MAT14ARZ Datasheet HTML 6Page - Analog Devices MAT14ARZ Datasheet HTML 7Page - Analog Devices MAT14ARZ Datasheet HTML 8Page - Analog Devices MAT14ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Matched Monolithic Quad Transistor
MAT14
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 400 µV maximum
High current gain: 300 minimum
Excellent current gain match: 4% maximum
Low voltage noise density at 100 Hz, 1 mA
3 nV/√Hz maximum
Excellent log conformance
Bulk resistance (r
BE) = 0.6 Ω maximum
Guaranteed matching for all transistors
APPLICATIONS
Low noise op amp front end
Current mirror and current sink/source
Low noise instrumentation amplifiers
Voltage controlled attenuators
Log amplifiers
PIN CONFIGURATION
C1 1
B1 2
E1 3
SUB
4
C4
14
B4
13
E4
12
SUB
11
E2 5
E3
10
B2 6
B3
9
C2 7
C3
8
MAT14
TOP VIEW
(Not to Scale)
Figure 1.
GENERAL DESCRIPTION
The MAT14 is a quad monolithic NPN transistor that offers
excellent parametric matching for precision amplifier and
nonlinear circuit applications. Performance characteristics
of the MAT14 include high gain (300 minimum) over a wide
range of collector current, low noise (3 nV/√Hz maximum at
100 Hz, IC = 1 mA), and excellent logarithmic conformance.
The MAT14 also features a low offset voltage of 100 µV typical
and tight current gain matching to within 4%. Each transistor of
the MAT14 is individually tested to data sheet specifications.
For matching parameters (offset voltage, input offset current,
and gain match), each of the dual transistor combinations are
verified to meet stated limits. Device performance is guaranteed
at an ambient temperature of 25°C and over the industrial tem-
perature range.
The long-term stability of matching parameters is guaranteed
by the protection diodes across the base emitter junction of
each transistor. These diodes prevent degradation of beta and
matching characteristics due to reverse bias, base emitter current.
The superior logarithmic conformance and accurate matching
characteristics of the MAT14 make it an excellent choice for use
in log and antilog circuits. The MAT14 is an ideal choice in
applications where low noise and high gain are required.


Similar Part No. - MAT14ARZ

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MAT1-10 3M-MAT1-10 Datasheet
142Kb / 4P
Fire Protection Products 3M??Interam?
logo
M/A-COM Technology Solu...
MAT10010 MA-COM-MAT10010 Datasheet
460Kb / 3P
Attenuator DIE
MAT10020 MA-COM-MAT10020 Datasheet
460Kb / 3P
Attenuator DIE
MAT10030 MA-COM-MAT10030 Datasheet
460Kb / 3P
Attenuator DIE
MAT10040 MA-COM-MAT10040 Datasheet
460Kb / 3P
Attenuator DIE
More results

Similar Description - MAT14ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT04 AD-MAT04 Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT04FSZ AD-MAT04FSZ Datasheet
842Kb / 12P
Matched Monolithic Quad Transistor
REV. D
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT04 AD-MAT04_15 Datasheet
854Kb / 12P
Matched Monolithic Quad Transistor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com