Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT14ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # MAT14ARZ
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT14ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button MAT14ARZ Datasheet HTML 4Page - Analog Devices MAT14ARZ Datasheet HTML 5Page - Analog Devices MAT14ARZ Datasheet HTML 6Page - Analog Devices MAT14ARZ Datasheet HTML 7Page - Analog Devices MAT14ARZ Datasheet HTML 8Page - Analog Devices MAT14ARZ Datasheet HTML 9Page - Analog Devices MAT14ARZ Datasheet HTML 10Page - Analog Devices MAT14ARZ Datasheet HTML 11Page - Analog Devices MAT14ARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAT14
Rev. A | Page 8 of 12
THEORY OF OPERATION
APPLICATIONS INFORMATION
To minimize coupling between devices, tie one of the substrate
pins (Pin 4 or Pin 11) to the most negative circuit potential.
Note that Pin 4 and Pin 11 are internally connected.
Applications Current Sources
MAT14 can be used to implement a variety of high impedance
current mirrors as shown in Figure 15, Figure 16, and Figure 17.
These current mirrors can be used as biasing elements and load
devices for amplifier stages.
Q1
V–
IREF
IOUT = IREF
Q3
Q2
Q4
Figure 15. Unity-Gain Current Mirror, IOUT = IREF
The unity-gain current mirror shown in Figure 15 has an
accuracy of better than 1% and an output impedance of more
than 100 MΩ at 100 μA.
Figure 16 and Figure 17 each show a modified current mirror;
Figure 16 is designed for a current gain of two (2), and Figure 17
is designed for a current gain of one-half (½). The accuracy of
these mirrors is reduced from that of the unity-gain source due
to base current errors but remains better than 2%.
V–
IREF
IOUT = 2(IREF)
Q2
Q1
Q4
Q3
Figure 16. Current Mirror, IOUT = 2(lREF)
V–
IREF
IOUT = 1/2(IREF)
Q2
Q1
Q4
Q3
Figure 17. Current Mirror, IOUT = ½(IREF)
Figure 18 is a temperature independent current sink that has an
accuracy of better than 1% at an output current of 100 μA to 1 mA.
A Schottky diode acts as a clamp to ensure correct circuit startup at
power-on. Use 1% metal film type resistors in this circuit.
+15V
2
4
2
3
7
HP
5082-2811
4
6
6
R
R
100pF
R
2
1
3
6
7
5
9
8
10
13
14
12
R
–15V
R
R
MAT14
OP1177
ADR01
IOUT
IOUT
IOUT
IOUT =
10V
R
Figure 18. Temperature Independent Current Sink, IOUT = 10 V/R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com