Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Packaging for Automotive
(in mm)
(pcs.)
ab
CSTCC_G_A
CSTCR_G_B
CSTCR_G15C
CSTCE_G_A
CSTCE_G15C
CSTCE_V_C
CSTCE_V13C
CSTCV_X_Q
CSACV_X_Q
Part Number
Plastic Tape ø180mm
Plastic Tape ø330mm
Bulk
Dimensions
2,000
3,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
6,000
9,000
9,000
9,000
9,000
9,000
9,000
6,000
6,000
500
500
500
500
500
500
500
500
500
a
a
a
b
b
b
b
a
a
Trailer
Leader
Empty
Components
Cover Film
2.0±0.5
160-190
13.0
+1.0
0
17.0±1.0
ø13.0±0.2
400-560
Empty
160 min.
Trailer
160-190
Empty
160 min.
400-560
Cover Film
Leader
Empty Components
ø13.0±0.2
2.0±0.5
13.0±1.0
c Dimensions of Reel
The order quantity should be an integral multiple of the "Minimum Quantity" shown above.
+1.0
0
9.0
c Minimum Quantity
(in mm)
4.0±0.1
2.0±0.05
4.0±0.1
ø1.5
+0.1
-0
ø1.5
+0.1
-0
2.2±0.1
Direction of Feed
(3°)
10°
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
c Dimensions of Taping
CSTCR_G15C
(in mm)
2.0±0.05
4.0±0.1
(3˚)
10°
Cover Film
Direction of Feed
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
4.0±0.1
ø1.5 -0.0
+0.1
ø1.0 -0.0
+0.2
1.50 -0.05
+0.10
CSTCE_G15C
Continued on the following page.
P16E.pdf
Nov.22,2012
17
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com