Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
VDD
Rf
To Frequency Counter
5pF
1M
Ω
Rd
C1
C2
(1)
(3)
(2)
c Oscillation Frequency Measuring Circuit
Rf
Rd
VDD
C1
C2
To Frequency Counter
(1)
(3)
(2)
CSTCW_X11
0.4
1.5
1.5
1.1
0.4
0.4
1.1
Land Pattern
(in mm)
c Standard Land Pattern Dimensions
0.4
0.4
0.4
0.8
Land Pattern
0.8
1.2
1.2
(in mm)
CSTCE_G15L/CSTCE_GH5L
0.4
0.4
0.4
0.8
Land Pattern
0.8
1.2
1.2
(in mm)
0.5
0.5
0.5
0.5
1.0
1.0
0.5
Land Pattern
(in mm)
CSTCW_X11
P16E.pdf
Nov.22,2012
20
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
CSTCR_G15L/CSTCR_GH5L/CSTCE_G15L/
CSTCE_GH5L/CSTCE_V13L/CSTCE_VH3L
CSTCR_G15L/CSTCR_GH5L
(* This Land Pattern is not common to CSTCR_G.)
CSTCE_V13L/CSTCE_VH3L
(* This Land Pattern is not common to CSTCE_V.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com