Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC Datasheet(PDF) 31 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC Datasheet(HTML) 31 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Ceramic Resonators (CERALOCK
r)
MHz Lead Type -Standard Frequency Tolerance for General Usage-
MURATA's ceramic resonator, CERALOCK(R) with built-in
load capacitors, has been widely applied as the most
suitable component for clock oscillators in a broad
range of microprocessors.
The CSTLS series can be used in the design of
oscillation circuits not requiring external load
capacitors, enabling both high-density mounting and
cost reduction.
c Features
1. Oscillation circuits do not require external load
capacitors.
There is some variation in built-in capacitance
values applicable to various ICs.
2. Stable over a wide temperature range.
3. Compact, lightweight and exhibit
superior shock resistance performance.
4. Enable the design of oscillator circuits
requiring no adjustment.
5. Cost-effective and reliable availability
c Applications
1. DTMF generators
2. Clock oscillators for microcomputers
3. Remote control units
4. Automated office equipment
∗∗∗
∗∗∗ : Weekly Date Code
(in mm)
8.0±1.0
3.0±1.0
2.5±0.2
2.5±0.2
0.7 (Ref.)
7.0 (Ref.)
(3)
(2)
(1)
CSTLS_G
3.40-10.00MHz
∗
5.5±1.0
2.5±0.2 2.5±0.2
(in mm)
T ∗
1
T ∗
1
(3)
(2)
(1)
: 3.5±1.0 (16.00—32.99MHz)
3.0±1.0 (33.00—70.00MHz)
∗ : EIAJ Monthly Code
CSTLS_X
16.00-70.00MHz
Part Number
Oscillating
Frequency
(MHz)
Initial
Tolerance
Temperature Stability
(%)
Temperature
Range
(°C)
CSTLS_G
3.40 to 10.00
±0.5%
±0.2 [-0.4% to +0.2%:Built-in Capacitance 47pF type]
-20 to 80
CSTLS_X
16.00 to 70.00
±0.5%
±0.2
-20 to 80
Irregular or stopped oscillation may occur under unmatched circuit conditions. Please check the actual conditions prior to use.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the packaging page.
Rf
Rd
VDD
C1
C2
To Frequency Counter
(1)
(3)
(2)
c Oscillation Frequency Measuring Circuit
CSTLS_G/CSTLS_X
P16E.pdf
Nov.22,2012
29
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com