Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECUS Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECUS
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Datasheet(HTML) 87 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 83Page - Texas Instruments OMAP3530ECUS Datasheet HTML 84Page - Texas Instruments OMAP3530ECUS Datasheet HTML 85Page - Texas Instruments OMAP3530ECUS Datasheet HTML 86Page - Texas Instruments OMAP3530ECUS Datasheet HTML 87Page - Texas Instruments OMAP3530ECUS Datasheet HTML 88Page - Texas Instruments OMAP3530ECUS Datasheet HTML 89Page - Texas Instruments OMAP3530ECUS Datasheet HTML 90Page - Texas Instruments OMAP3530ECUS Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Table 2-4. Multiplexing Characteristics (continued)
CBB
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
Bottom
Top
Bottom
Top
E2
W23
NA
AA15
F7
sdrc_a13
E1
Y22
NA
Y12
F9
sdrc_a14
H11
M22
NA
T21
A19
sdrc_ncs0
H12
M23
NA
T20
B19
sdrc_ncs1
A13
A11
NA
A12
A10
sdrc_clk
A14
B11
NA
B13
A11
sdrc_nclk
H16
J22
NA
Y15
B20
sdrc_cke0
safe_mode
H17
J23
NA
Y13
C20
sdrc_cke1
safe_mode
H14
L23
NA
V21
D19
sdrc_nras
H13
L22
NA
U20
C19
sdrc_ncas
H15
K23
NA
Y18
A20
sdrc_nwe
B7
C1
NA
H1
B6
sdrc_dm0
A16
A17
NA
A14
B13
sdrc_dm1
B11
A6
NA
A4
A7
sdrc_dm2
C20
A20
NA
A18
A16
sdrc_dm3
A6
C2
NA
C2
A5
sdrc_dqs0
A17
B17
NA
B15
A13
sdrc_dqs1
A10
B6
NA
B8
A8
sdrc_dqs2
A20
B20
NA
A19
A17
sdrc_dqs3
N4
AC15
J2
NA
K4
gpmc_a1
gpio_34
safe_mode
M4
AB15
H1
NA
K3
gpmc_a2
gpio_35
safe_mode
L4
AC16
H2
NA
K2
gpmc_a3
gpio_36
safe_mode
K4
AB16
G2
NA
J4
gpmc_a4
gpio_37
safe_mode
T3
AC17
F1
NA
J3
gpmc_a5
gpio_38
safe_mode
R3
AB17
F2
NA
J2
gpmc_a6
gpio_39
safe_mode
N3
AC18
E1
NA
J1
gpmc_a7
gpio_40
safe_mode
M3
AB18
E2
NA
H1
gpmc_a8
gpio_41
safe_mode
L3
AC19
D1
NA
H2
gpmc_a9
sys_ndmareq
gpio_42
safe_mode
2
K3
AB19
D2
NA
G2
gpmc_a10
sys_ndmareq
gpio_43
safe_mode
3
K1
M2
AA2
U2
L2
gpmc_d0
L1
M1
AA1
U1
M1
gpmc_d1
L2
N2
AC2
V2
M2
gpmc_d2
P2
N1
AC1
V1
N2
gpmc_d3
T1
R2
AE5
AA3
M3
gpmc_d4
V1
R1
AD6
AA4
P1
gpmc_d5
V2
T2
AD5
Y3
P2
gpmc_d6
W2
T1
AC5
Y4
R1
gpmc_d7
H2
AB3
V1
R1
R2
gpmc_d8
gpio_44
safe_mode
K2
AC3
Y1
T1
T2
gpmc_d9
gpio_45
safe_mode
P1
AB4
T1
N1
U1
gpmc_d10
gpio_46
safe_mode
R1
AC4
U2
P2
R3
gpmc_d11
gpio_47
safe_mode
R2
AB6
U1
P1
T3
gpmc_d12
gpio_48
safe_mode
T2
AC6
P1
M1
U2
gpmc_d13
gpio_49
safe_mode
W1
AB7
L2
J2
V1
gpmc_d14
gpio_50
safe_mode
Y1
AC7
M2
K2
V2
gpmc_d15
gpio_51
safe_mode
G4
Y2
AD8
AA8
E2
gpmc_ncs0
H3
Y1
AD1
W1
NA
gpmc_ncs1
gpio_52
safe_mode
V8
NA
A3
NA
NA
gpmc_ncs2
gpio_53
safe_mode
U8
NA
B6
NA
D2
gpmc_ncs3
sys_ndmareq
gpio_54
safe_mode
0
T8
NA
B4
NA
F4
gpmc_ncs4
sys_ndmareq mcbsp4_clkx gpt9_pwm_e gpio_55
safe_mode
1
vt
R8
NA
C4
NA
G5
gpmc_ncs5
sys_ndmareq mcbsp4_dr
gpt10_pwm_ gpio_56
safe_mode
2
evt
Submit Documentation Feedback
TERMINAL DESCRIPTION
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com