Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECUS Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECUS
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Datasheet(HTML) 96 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 92Page - Texas Instruments OMAP3530ECUS Datasheet HTML 93Page - Texas Instruments OMAP3530ECUS Datasheet HTML 94Page - Texas Instruments OMAP3530ECUS Datasheet HTML 95Page - Texas Instruments OMAP3530ECUS Datasheet HTML 96Page - Texas Instruments OMAP3530ECUS Datasheet HTML 97Page - Texas Instruments OMAP3530ECUS Datasheet HTML 98Page - Texas Instruments OMAP3530ECUS Datasheet HTML 99Page - Texas Instruments OMAP3530ECUS Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 264 page
background image
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
Table 2-5. External Memory Interfaces – GPMC Signals Description (continued)
SIGNAL NAME
DESCRIPTION [2]
TYPE
BALL
BALL
BALL BOTTOM
BALL TOP
BALL
SUBSYSTEM
[1]
[3]
BOTTOM
TOP
(CBC Pkg.) [4]
(CBC Pkg.) [5]
BOTTOM
PIN
(CBB
(CBB
(CUS
MULTIPLEXING
Pkg.) [4]
Pkg.) [5]
Pkg.) [4]
[6]
gpmc_ncs6
GPMC Chip Select bit 6
O
P8
NA
B5
NA
F3
NA
gpmc_ncs7
GPMC Chip Select bit 7
O
N8
NA
C5
NA
G4
NA
gpmc_io_dir
GPMC IO direction control for use
O
N8
NA
C5
NA
G4
NA
with external transceivers
gpmc_clk
GPMC clock
O
T4
W2
N1
L1
W2
NA
gpmc_nadv_ale Address Valid or Address Latch
O
F3
W1
AD10
AA9
F1
NA
Enable
gpmc_noe
Output Enable
O
G2
V2
N2
L2
F2
NA
gpmc_nwe
Write Enable
O
F4
V1
M1
K1
G3
NA
gpmc_nbe0_cle Lower Byte Enable. Also used for
O
G3
AC12
K2
FT(1)
K5
NA
Command Latch Enable
gpmc_nbe1
Upper Byte Enable
O
U3
NA
J1
NA
L1
NA
gpmc_nwp
Flash Write Protect
O
H1
AB10
AC6
Y5
E1
NA
gpmc_wait0
External indication of wait
I
M8
AB12
AC11
Y10
C1
NA
gpmc_wait1
External indication of wait
I
L8
AC10
AC8
Y8
NA
NA
gpmc_wait2
External indication of wait
I
K8
NA
B3
NA
NA
NA
gpmc_wait3
External indication of wait
I
J8
NA
C6
NA
C2
NA
(1)
FT indicates "Feed-Through. For more information, refer to Section 2.5.10.
Table 2-6. External Memory Interfaces – SDRC Signals Description
SIGNAL
DESCRIPTION
TYPE(1)
BALL
BALL TOP
BALL BOTTOM
BALL TOP
BALL BOTTOM
NAME
BOTTOM
(CBB Pkg.)
(CBC Pkg.)
(CBC Pkg.)
(CUS Pkg.)
(CBB Pkg.)
sdrc_d0
SDRAM data bit 0
IO
D6
J2
NA
D1
D7
sdrc_d1
SDRAM data bit 1
IO
C6
J1
NA
G1
C5
sdrc_d2
SDRAM data bit 2
IO
B6
G2
NA
G2
C6
sdrc_d3
SDRAM data bit 3
IO
C8
G1
NA
E1
B5
sdrc_d4
SDRAM data bit 4
IO
C9
F2
NA
D2
D9
sdrc_d5
SDRAM data bit 5
IO
A7
F1
NA
E2
D10
sdrc_d6
SDRAM data bit 6
IO
B9
D2
NA
B3
C7
sdrc_d7
SDRAM data bit 7
IO
A9
D1
NA
B4
B7
sdrc_d8
SDRAM data bit 8
IO
C14
B13
NA
A10
B11
sdrc_d9
SDRAM data bit 9
IO
B14
A13
NA
B11
C12
sdrc_d10
SDRAM data bit 10
IO
C15
B14
NA
A11
B12
sdrc_d11
SDRAM data bit 11
IO
B16
A14
NA
B12
D13
sdrc_d12
SDRAM data bit 12
IO
D17
B16
NA
A16
C13
sdrc_d13
SDRAM data bit 13
IO
C17
A16
NA
A17
B14
sdrc_d14
SDRAM data bit 14
IO
B17
B19
NA
B17
A14
sdrc_d15
SDRAM data bit 15
IO
D18
A19
NA
B18
B15
sdrc_d16
SDRAM data bit 16
IO
D11
B3
NA
B7
C9
sdrc_d17
SDRAM data bit 17
IO
B10
A3
NA
A5
E12
sdrc_d18
SDRAM data bit 18
IO
C11
B5
NA
B6
B8
sdrc_d19
SDRAM data bit 19
IO
D12
A5
NA
A6
B9
sdrc_d20
SDRAM data bit 20
IO
C12
B8
NA
A8
C10
sdrc_d21
SDRAM data bit 21
IO
A11
A8
NA
B9
B10
sdrc_d22
SDRAM data bit 22
IO
B13
B9
NA
A9
D12
sdrc_d23
SDRAM data bit 23
IO
D14
A9
NA
B10
E13
sdrc_d24
SDRAM data bit 24
IO
C18
B21
NA
C21
E15
sdrc_d25
SDRAM data bit 25
IO
A19
A21
NA
D20
D15
(1)
Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog).
TERMINAL DESCRIPTION
96
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com