Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECUS Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECUS
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Datasheet(HTML) 95 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 91Page - Texas Instruments OMAP3530ECUS Datasheet HTML 92Page - Texas Instruments OMAP3530ECUS Datasheet HTML 93Page - Texas Instruments OMAP3530ECUS Datasheet HTML 94Page - Texas Instruments OMAP3530ECUS Datasheet HTML 95Page - Texas Instruments OMAP3530ECUS Datasheet HTML 96Page - Texas Instruments OMAP3530ECUS Datasheet HTML 97Page - Texas Instruments OMAP3530ECUS Datasheet HTML 98Page - Texas Instruments OMAP3530ECUS Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Table 2-5. External Memory Interfaces – GPMC Signals Description (continued)
SIGNAL NAME
DESCRIPTION [2]
TYPE
BALL
BALL
BALL BOTTOM
BALL TOP
BALL
SUBSYSTEM
[1]
[3]
BOTTOM
TOP
(CBC Pkg.) [4]
(CBC Pkg.) [5]
BOTTOM
PIN
(CBB
(CBB
(CUS
MULTIPLEXING
Pkg.) [4]
Pkg.) [5]
Pkg.) [4]
[6]
gpmc_a17
General-purpose memory address
O
N4
AC15
J2
NA
K4
gpmc_a1
bit 17
gpmc_a18
General-purpose memory address
O
M4
AB15
H1
NA
K3
gpmc_a2
bit 18
gpmc_a19
General-purpose memory address
O
L4
AC16
H2
NA
K2
gpmc_a3
bit 19
gpmc_a20
General-purpose memory address
O
K4
AB16
G2
NA
J4
gpmc_a4
bit 20
gpmc_a21
General-purpose memory address
O
T3
AC17
F1
NA
J3
gpmc_a5
bit 21
gpmc_a22
General-purpose memory address
O
R3
AB17
F2
NA
J2
gpmc_a6
bit 22
gpmc_a23
General-purpose memory address
O
N3
AC18
E1
NA
J1
gpmc_a7
bit 23
gpmc_a24
General-purpose memory address
O
M3
AB18
E2
NA
H1
gpmc_a8
bit 24
gpmc_a25
General-purpose memory address
O
L3
AC19
D1
NA
H2
gpmc_a9
bit 25
gpmc_a26
General-purpose memory address
O
K3
AB19
D2
NA
G2
gpmc_a10
bit 26
gpmc_d0
GPMC Data bit 0
IO
K1
M2
AA2
U2
L2
gpmc_a1/
gpmc_d0
gpmc_d1
GPMC Data bit 1
IO
L1
M1
AA1
U1
M1
gpmc_a2/
gpmc_d1
gpmc_d2
GPMC Data bit 2
IO
L2
N2
AC2
V2
M2
gpmc_a3/
gpmc_d2
gpmc_d3
GPMC Data bit 3
IO
P2
N1
AC1
V1
N2
gpmc_a4/
gpmc_d3
gpmc_d4
GPMC Data bit 4
IO
T1
R2
AE5
AA3
M3
gpmc_a5/
gpmc_d4
gpmc_d5
GPMC Data bit 5
IO
V1
R1
AD6
AA4
P1
gpmc_a6/
gpmc_d5
gpmc_d6
GPMC Data bit 6
IO
V2
T2
AD5
Y3
P2
gpmc_a7
/gpmc_d6
gpmc_d7
GPMC Data bit 7
IO
W2
T1
AC5
Y4
R1
gpmc_a8/
gpmc_d7
gpmc_d8
GPMC Data bit 8
IO
H2
AB3
V1
R1
R2
gpmc_a9/
gpmc_d8
gpmc_d9
GPMC Data bit 9
IO
K2
AC3
Y1
T1
T2
gpmc_a10/
gpmc_d9
gpmc_d10
GPMC Data bit 10
IO
P1
AB4
T1
N1
U1
gpmc_a11/
gpmc_d10
gpmc_d11
GPMC Data bit 11
IO
R1
AC4
U2
P2
R3
gpmc_a12/
gpmc_d11
gpmc_d12
GPMC Data bit 12
IO
R2
AB6
U1
P1
T3
gpmc_a13/
gpmc_d12
gpmc_d13
GPMC Data bit 13
IO
T2
AC6
P1
M1
U2
gpmc_a14/
gpmc_d13
gpmc_d14
GPMC Data bit 14
IO
W1
AB7
L2
J2
V1
gpmc_a15/
gpmc_d14
gpmc_d15
GPMC Data bit 15
IO
Y1
AC7
M2
K2
V2
gpmc_a16/
gpmc_d15
gpmc_ncs0
GPMC Chip Select bit 0
O
G4
Y2
AD8
AA8
E2
NA
gpmc_ncs1
GPMC Chip Select bit 1
O
H3
Y1
AD1
W1
NA
NA
gpmc_ncs2
GPMC Chip Select bit 2
O
V8
NA
A3
NA
NA
NA
gpmc_ncs3
GPMC Chip Select bit 3
O
U8
NA
B6
NA
D2
NA
gpmc_ncs4
GPMC Chip Select bit 4
O
T8
NA
B4
NA
F4
NA
gpmc_ncs5
GPMC Chip Select bit 5
O
R8
NA
C4
NA
G5
NA
Submit Documentation Feedback
TERMINAL DESCRIPTION
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com