Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2501IRCPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501IRCPR
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2501IRCPR Datasheet(HTML) 2 Page - Texas Instruments

  TLK2501IRCPR Datasheet HTML 1Page - Texas Instruments TLK2501IRCPR Datasheet HTML 2Page - Texas Instruments TLK2501IRCPR Datasheet HTML 3Page - Texas Instruments TLK2501IRCPR Datasheet HTML 4Page - Texas Instruments TLK2501IRCPR Datasheet HTML 5Page - Texas Instruments TLK2501IRCPR Datasheet HTML 6Page - Texas Instruments TLK2501IRCPR Datasheet HTML 7Page - Texas Instruments TLK2501IRCPR Datasheet HTML 8Page - Texas Instruments TLK2501IRCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TLK2501 provides an internal loopback capability for self-test purposes. Serial data from the serializer is
passed directly to the deserializer, allowing the protocol device a functional self-check of the physical interface.
The TLK2501 is designed to be hot plug capable. An on-chip power-on reset circuit holds the RX_CLK low
during power up. This circuit also holds the parallel side output signal terminals as well as DOUTTXP and
DOUTTXN in a high-impedance state during power up.
The TLK2501 has a loss of signal detection circuit for conditions where the incoming signal no longer has a
sufficient voltage amplitude to keep the clock recovery circuit in lock.
To prevent a data bit error from causing a data packet from being interpreted as a comma and thus causing the
erroneous word alignment by the comma detection circuit, the comma word alignment circuit is turned off after
the link is properly established in TLK2501.
The TLK2501 allows users to implement redundant ports by connecting receive data bus terminals from two
TLK2501 devices together. Asserting the LCKREFN to go to a low state causes the receive data bus terminals,
RXD[0:15], RX_CLK and RX_ER, RX_DV/LOS to go to a high-impedance state. This places the device in a
transmit-only mode since the receiver is not tracking the data.
The TLK2501 uses a 2.5-V supply. The I/O section is 3 V compatible. With the 2.5-V supply the chipset is very
power-efficient, consuming less than 360 mW typically. The TLK2501 is characterized for operation from −40
°C
to 85
°C.
AVAILABLE OPTIONS
PACKAGE
TA
PowerPAD QUAD FLATPACK
(VQFP)
−40
°C to 85°C
TLK2501IRCP
−40
°C to 85°C
TLK2501IRCPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com