Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2501IRCPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501IRCPR
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2501IRCPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK2501IRCPR Datasheet HTML 3Page - Texas Instruments TLK2501IRCPR Datasheet HTML 4Page - Texas Instruments TLK2501IRCPR Datasheet HTML 5Page - Texas Instruments TLK2501IRCPR Datasheet HTML 6Page - Texas Instruments TLK2501IRCPR Datasheet HTML 7Page - Texas Instruments TLK2501IRCPR Datasheet HTML 8Page - Texas Instruments TLK2501IRCPR Datasheet HTML 9Page - Texas Instruments TLK2501IRCPR Datasheet HTML 10Page - Texas Instruments TLK2501IRCPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
transmit interface
The transmitter portion registers valid incoming 16-bit wide data (TXD[0:15]) on the rising edge of the GTX_CLK.
The data is then 8-bit/10-bit encoded, serialized, and transmitted sequentially over the differential high-speed
I/O channel. The clock multiplier multiplies the reference clock (GTX_CLK) by a factor of 10 times, creating a
bit clock. This internal bit clock is fed to the parallel-to-serial shift register which transmits data on both the rising
and falling edges of the bit clock, providing a serial data rate that is 20 times the reference clock. Data is
transmitted LSB (TXD0) first. The transmitter also inserts commas at the beginning of the transmission for byte
synchronization.
transmit data bus
The transmit bus interface accepts 16-bit single-ended TTL parallel data at the TXD[0:15] terminals. Data is
valid on the rising edge of the GTX_CLK when the TX_EN is asserted high and the TX_ER is deasserted low.
The GTX_CLK is used as the word clock. The data, enable, and clock signals must be properly aligned as shown
in Figure 2. Detailed timing information can be found in the electrical characteristics table.
GTX_CLK
TXDn, TX_EN, TX_ER
tsu
th
Figure 2. Transmit Timing Waveform
transmission latency
The data transmission latency of the TLK2501 is defined as the delay from the initial 16-bit word load to the serial
transmission of bit 0. The transmit latency is fixed once the link is established. However, due to silicon process
variations and implementation variables such as supply voltage and temperature, the exact delay varies slightly.
The minimum transmit latency (Tlatency ) is 34 bit times; the maximum is 38 bit times. Figure 3 illustrates the
timing relationship between the transmit data bus, the GTX_CLK and serial transmit terminals.
16-Bit Word to Transmit
Transmitted 20 Bit Word
DOUTTXP,
DOUTTXN
TXD(0−15)
GTX_CLK
td(Tx latency)
Figure 3. Transmitter Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com