Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2501IRCPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501IRCPR
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2501IRCPR Datasheet(HTML) 1 Page - Texas Instruments

  TLK2501IRCPR Datasheet HTML 1Page - Texas Instruments TLK2501IRCPR Datasheet HTML 2Page - Texas Instruments TLK2501IRCPR Datasheet HTML 3Page - Texas Instruments TLK2501IRCPR Datasheet HTML 4Page - Texas Instruments TLK2501IRCPR Datasheet HTML 5Page - Texas Instruments TLK2501IRCPR Datasheet HTML 6Page - Texas Instruments TLK2501IRCPR Datasheet HTML 7Page - Texas Instruments TLK2501IRCPR Datasheet HTML 8Page - Texas Instruments TLK2501IRCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Hot-Plug Protection
D 1.5 to 2.5 Gigabits Per Second (Gbps)
Serializer/Deserializer
D High-Performance 64-Pin VQFP Thermally
Enhanced Package (PowerPAD
)
D 2.5-V Power Supply for Low Power
Operation
D Programmable Voltage Output Swing on
Serial Output
D Interfaces to Backplane, Copper Cables, or
Optical Converters
D Rated for Industrial Temperature Range
D On-Chip 8-Bit/10-Bit (8B/10B)
Encoding/Decoding, Comma Alignment,
and Link Synchronization
D On-Chip PLL Provides Clock Synthesis
From Low-Speed Reference
D Receiver Differential Input Thresholds
200 mV Minimum
D Typical Power: 360 mW
D Loss of Signal (LOS) Detection
D Ideal for High-Speed Backplane
Interconnect and Point-to-Point Data Link
description
The TLK2501 is a member of the transceiver family of multigigabit transceivers used in ultrahigh-speed
bidirectional point-to-point data transmission systems. The TLK2501 supports an effective serial interface
speed of 1.5 Gbps to 2.5 Gbps, providing up to 2 Gbps of data bandwidth. The TLK2501 is pin-for-pin compatible
with the TLK2500. The TLK2501 is both pin-for-pin compatible with and functionally identical to the TLK1501,
a 0.6 to 1.5 Gbps transceiver, and the TLK3101, a 2.5 to 3.125 Gbps transceiver, providing a wide range of
performance solutions with no required board layout changes.
The primary application of this chip is to provide very high-speed I/O data channels for point-to-point baseband
data transmission over controlled impedance media of approximately 50
Ω. The transmission media can be
printed-circuit board, copper cables, or fiber-optic cable. The maximum rate and distance of data transfer is
dependent upon the attenuation characteristics of the media and the noise coupling to the environment.
This device can also be used to replace parallel data transmission architectures by providing a reduction in the
number of traces, connector terminals, and transmit/receive terminals. Parallel data loaded into the transmitter
is delivered to the receiver over a serial channel, which can be a coaxial copper cable, a controlled impedance
backplane, or an optical link. It is then reconstructed into its original parallel format. It offers significant power
and cost savings over current solutions, as well as scalability for higher data rate in the future.
The TLK2501 performs data conversion parallel-to-serial and serial-to-parallel. The clock extraction functions
as a physical layer interface device. The serial transceiver interface operates at a maximum speed of 2.5 Gbps.
The transmitter latches 16-bit parallel data at a rate based on the supplied reference clock (GTX_CLK). The
16-bit parallel data is internally encoded into 20 bits using an 8-bit/10-bit (8B/10B) encoding format. The
resulting 20-bit word is then transmitted differentially at 20 times the reference clock (GTX_CLK) rate. The
receiver section performs the serial-to-parallel conversion on the input data, synchronizing the resulting 20-bit
wide parallel data to the extracted reference clock (RX_CLK). It then decodes the 20 bit wide data using
8-bit/10-bit decoding format resulting in 16 bits of parallel data at the receive data terminals (RXD0-15). The
outcome is an effective data payload of 1.20 Gbps to 2.0 Gbps (16 bits data x the GTX_CLK frequency).
The TLK2501 is housed in a high performance, thermally enhanced, 64-pin VQFP PowerPAD package. Use
of the PowerPAD package does not require any special considerations except to note that the PowerPAD, which
has an exposed die pad on the bottom of the device, is a metallic thermal and electrical conductor. It is
recommended that the TLK2501 PowerPAD is soldered to the thermal land on the board. All ac performance
specifications in this data sheet are measured with the PowerPAD soldered to the test board.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2000 − 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TLK2501IRCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2501IRCPR TI-TLK2501IRCPR Datasheet
387Kb / 25P
1.5 TO 2.5 GBPS TRANSCEIVER
TLK2501IRCPR TI2-TLK2501IRCPR Datasheet
778Kb / 33P
1.5 TO 2.5 GBPS TRANSCEIVER
REVISED JULY 2003
TLK2501IRCPR.A TI2-TLK2501IRCPR.A Datasheet
778Kb / 33P
1.5 TO 2.5 GBPS TRANSCEIVER
REVISED JULY 2003
TLK2501IRCPRG4 TI2-TLK2501IRCPRG4 Datasheet
778Kb / 33P
1.5 TO 2.5 GBPS TRANSCEIVER
REVISED JULY 2003
More results

Similar Description - TLK2501IRCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
1.5 TO 2.5 GBPS TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK2521 TI-TLK2521 Datasheet
317Kb / 19P
1 to 2.5 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
0.6 TO 1.5 GBPS TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
QUAB 0.6 to 1.5 Gbps TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com