Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1T45
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1T45 Datasheet HTML 1Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
5 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
Electrical Characteristics (@TA = +40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC(A)
VCC(B)
TA = -40°C to +125°C
Unit
Min
Max
VOH
High Level
Output
Voltage
IOH = -100µA
1.65V to 5.5V
1.65V to 5.5V
VCC – 0.1
−
V
IOH = -4mA
1.65V
1.65V
1.2
−
IOH = -8mA
2.3V
2.3V
1.9
−
IOH = -24mA
3V
3V
2.4
−
IOH = -32mA
4.5V
4.5V
3.8
−
VOL
High-Level
Input Voltage
IOL = 100µA
1.65V to 5.5V
1.65V to 5.5V
−
0.1
V
IOL = 4mA
1.65V
1.65V
−
0.45
IOL = 8mA
2.3V
2.3V
−
0.3
IOL = 24mA
3V
3V
−
0.55
IOL = 32mA
4.5V
4.5V
−
0.55
II
Input Current
DIR
VI = VCC(A) or GND
0 to 5.5V
0 to 5.5V
−
± 2
µA
IOFF
Power Down
Leakage
Current
A Pin
VI or VO = 0 to 5.5V
0V
1.65V to 5.5V
−
± 2
µA
B Pin
1.65V to 5.5V
0V
−
± 2
IOZ
3-State
Leakage
Current
B Pin
VO =VCC (B)
DIR = 0 V
VI = 0 to 5.5V
1.65V to 5.5V
1.65V to 5.5V
−
± 2
µA
A Pin
VO = VCC(A)
DIR= Vcc(A)
1.65V to 5.5V
1.65V to 5.5V
−
± 2
ICCA
Supply
Current
VI = 5.5V or GND
IO = 0
1.65V to 5.5V
1.65V to 5.5V
−
3
µA
5.5V
0V
−
2
0V
5.5V
−
-2
ICCB
Supply
Current
VI = 5.5V or GND
IO = 0
1.65V to 5.5V
1.65V to 5.5V
−
3
µA
5.5V
0V
−
2
0V
5.5V
−
-2
ICCA + ICCB
Supply
Current
VI = 5.5V or GND
IO = 0
1.65V to 5.5V
1.65V to 5.5V
−
4
µA
• ICCA
Additional
Supply
Current
A pin
A = VCC (A) -0.6V
DIR = VCC (A)
B = open
3V to 5.5V
3V to 5.5V
−
50
µA
DIR
DIR= VCC (A) -0.6V
A= VCC (A) or GND
B = open
50
• ICCB
Additional
Supply
Current
B pin
B = VCC (B) -0.6V
DIR = GND
A = open
3V to 5.5V
3V to 5.5V
−
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com