Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74LVC1T45
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45 Datasheet(HTML) 3 Page - Diodes Incorporated

  74LVC1T45 Datasheet HTML 1Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
3 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
VCC Inputs
VCC Outputs
Min
Max
Units
VCC(A)
Operating Voltage
−
−
1.65
5.5
V
VCC(B)
−
−
1.65
5.5
V
VIH
High-Level Input
Voltage Pin A or DIR
Referenced to
VCC(A)
VCC = 1.65V to 1.95V
−
0.65 X VCC(A)
−
V
VCC = 2.3V to 2.7V
−
1.7
−
VCC = 3V to 3.6V
−
2
−
VCC = 4.5V to 5.5V
−
0.7 X VCC(A)
−
VIL
Low-Level Input
Voltage Pin A or DIR
Referenced to
VCC(A)
VCC = 1.65V to 1.95V
−
−
0.35 X VCC(A)
V
VCC = 2.3V to 2.7V
−
−
0.7
VCC = 3V to 3.6V
−
−
0.8
VCC = 4.5V to 5.5V
−
−
0.3 X VCC(A)
VIH
High-Level Input
Voltage Pin B
Referenced to
VCC(B)
VCC = 1.65V to 1.95V
−
0.65 X VCC(B)
−
V
VCC = 2.3V to 2.7V
−
1.7
−
VCC = 3V to 3.6V
−
2
−
VCC = 4.5V to 5.5V
−
0.7 X VCC(B)
−
VIL
Low-Level Input
Voltage Pin B
Referenced to
VCC(B)
VCC = 1.65V to 1.95V
−
−
0.35 X VCC(B)
V
VCC = 2.3V to 2.7V
−
−
0.7
VCC = 3V to 3.6V
−
−
0.8
VCC = 4.5V to 5.5V
−
−
0.3 X VCC(B)
VI
Input Voltage
−
−
0
5.5
V
VO
Output Voltage
−
−
0
VCC
V
IOH
High-Level Output
Current
−
VCC = 1.65V to 1.95V
−
-4
mA
−
VCC = 2.3V to 2.7V
−
-8
−
VCC = 3V to 3.6V
−
-16
−
VCC = 4.5V to 5.5V
−
-24
−
VCC = 1.65V to 1.95V
−
-32
IOL
Low-Level Output
Current
−
VCC = 2.3V to 2.7V
−
4
mA
−
VCC = 3V to 3.6V
−
8
−
VCC = 4.5V to 5.5V
−
16
−
VCC = 1.65V to 1.95V
−
24
−
VCC = 2.3V to 2.7V
−
32
• t/• V
Input
Transition
Rise or Fall
Rate
Data
Inputs
VCC = 1.65V to 1.95V
−
−
20
ns/V
VCC = 2.3V to 2.7V
−
−
20
VCC = 3V to 3.6V
−
−
10
VCC = 4.5V to 5.5V
−
−
5
Control
Inputs
VCC = 1.65V to 5.5V
−
−
5
TA
Operating Free-Air
Temperature
−
−
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com