Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC1T45
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC1T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 9Page - Diodes Incorporated 74LVC1T45 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
6 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
Package Characteristics (VCC = 3.3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Package
Test Conditions
Min
Typ
Max
Unit
• JA
Thermal Resistance Junction-
to-Ambient
SOT26
Note 6
−
166
−
°C/W
SOT363
−
371
−
SOT563
−
TBD
−
DFN1410
−
430
−
DFN1409
−
450
−
DFN1010
−
510
−
• JC
Thermal Resistance Junction-
to-Case
SOT26
Note 6
−
46
−
°C/W
SOT363
−
143
−
SOT563
−
TBD
−
DFN1410
−
190
−
DFN1409
−
200
−
DFN1010
−
250
−
Note:
6. Test condition for SOT26, SOT363, DFN1410, DFN1409 and DFN1010 : Device mounted on FR-4 substrate PC board, 2oz copper with minimum
recommended pad layout.
Switching Characteristics (VCC (A) = 1.8V ± 0.15V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B)= 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
3
17.7
2.2
10.3
1.7
8.3
1.4
7.5
ns
tpHL
2.8
14.3
2.2
8.5
1.8
8.1
1.7
7.5
tpLH
B
A
3
17.7
2.3
16
2.1
15.5
1.9
15.1
ns
tpHL
2.8
14.3
2.1
12.9
2
12.6
1.8
12.2
tpHZ
DIR
A
5.2
19.4
4.8
18.5
4.7
18.4
5.1
17.1
ns
tpLZ
2.3
10.5
2.1
10.5
2.4
10.7
3.1
10.9
tpHZ
DIR
B
6.4
21.9
4.9
11.5
4.6
10.3
2.8
8.2
ns
tpLZ
4.2
17
3.7
9.6
3.3
8.8
2.4
8.0
tpZH
DIR
A
−
33.7
−
25.2
−
23.9
−
21.5
ns
tpZL
−
36.2
−
24.4
−
22.9
−
20.4
tpZH
DIR
B
−
28.2
−
20.8
−
19
−
18.1
ns
tpZL
−
33.7
−
27
−
25.5
−
24.1
Switching Characteristics (cont.) (VCC (A) = 2.5V ± 0.2V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.3
16
1.5
8.5
1.3
6.4
1.1
5.1
ns
tpHL
2.1
12.9
1.4
7.5
1.3
5.4
0.9
4.6
tpLH
B
A
2.2
10.3
1.5
8.5
1.4
8
1
7.5
ns
tpHL
2.2
8.5
1.4
7.5
1.3
7
0.9
6.2
tpHZ
DIR
A
3
8.1
3.1
8.1
2.8
8.1
3.2
8.1
ns
tpLZ
1.3
5.9
1.3
5.9
1.3
5.9
1
5.8
tpHZ
DIR
B
5.5
23.7
3.6
11.4
3.5
10.2
2.4
7.1
ns
tpLZ
3.9
18.9
3.2
9.6
2.8
8.4
1.8
5.3
tpZH
DIR
A
−
29.2
−
18.1
−
16.4
−
12.8
ns
tpZL
−
32.2
−
18.9
−
17.2
−
13.3
tpZH
DIR
B
−
21.9
−
14.4
−
12.3
−
10.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com