Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3663 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CY3663
Description  EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3663 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CY3663 Datasheet HTML 35Page - Cypress Semiconductor CY3663 Datasheet HTML 36Page - Cypress Semiconductor CY3663 Datasheet HTML 37Page - Cypress Semiconductor CY3663 Datasheet HTML 38Page - Cypress Semiconductor CY3663 Datasheet HTML 39Page - Cypress Semiconductor CY3663 Datasheet HTML 40Page - Cypress Semiconductor CY3663 Datasheet HTML 41Page - Cypress Semiconductor CY3663 Datasheet HTML 42Page - Cypress Semiconductor CY3663 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
CY7C67200
Document Number: 38-08014 Rev. *I
Page 39 of 92
Device n Address Register [W]
■ Device 1 Address Register 0xC08E
■ Device 2 Address Register 0xC0AE
Figure 36. Device n Address Register
Register Description
The Device n Address register holds the device address assigned by the host. This register initializes to the default address 0 at reset
but must be updated by firmware when the host assigns a new address. Only USB data sent to the address contained in this register
will be responded to, all others are ignored.
Address (Bits [6:0])
The Address field contains the USB address of the device assigned by the host.
Reserved
All reserved bits must be written as ‘0’.
Device n Status Register [R/W]
■ Device 1 Status Register 0xC090
■ Device 2 Status Register 0xC0B0
Figure 37. Device n Status Register
Register Description
The Device n Status register provides status information for
device operation. Pending interrupts can be cleared by writing a
‘1’ to the corresponding bit. This register can be accessed by the
HPI interface.
VBUS Interrupt Flag (Bit 15)
The VBUS Interrupt Flag bit indicates the status of the OTG
VBUS interrupt (only for Port 1A). When enabled this interrupt
triggers on both the rising and falling edge of VBUS at 4.4 V. This
bit is only available for Device 1 and is a reserved bit in Device 2.
1: Interrupt triggered
0: Interrupt did not trigger
ID Interrupt Flag (Bit 14)
The ID Interrupt Flag bit indicates the status of the OTG ID
interrupt (only for Port 1A). When enabled this interrupt triggers
on both the rising and falling edge of the OTG ID pin. This bit is
only available for Device 1 and is a reserved bit in Device 2.
1: Interrupt triggered
0: Interrupt did not trigger
SOF/EOP Interrupt Flag (Bit 9)
The SOF/EOP Interrupt Flag bit indicates if the SOF/EOP
received interrupt has triggered.
1: Interrupt triggered
Bit #
15
14
13
12
11
10
9
8
Field
Reserved...
Read/Write
-
-
-
-
-
-
-
-
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Field
...Reserved
Address
Read/Write
-
W
W
W
W
W
W
W
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Field
VBUS
Interrupt Flag
ID Interrupt
Flag
Reserved
SOF/EOP
Interrupt Flag
Reset
Interrupt Flag
Read/Write
R/W
R/W
-
-
-
-
R/W
R/W
Default
X
X
X
X
X
X
X
X
Bit #
7
6
5
4
3
2
1
0
Field
EP7 Interrupt
Flag
EP6 Interrupt
Flag
EP5 Interrupt
Flag
EP4 Interrupt
Flag
EP3 Interrupt
Flag
EP2 Interrupt
Flag
EP1 Interrupt
Flag
EP0 Interrupt
Flag
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com