Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3663 Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # CY3663
Description  EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3663 Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button CY3663 Datasheet HTML 69Page - Cypress Semiconductor CY3663 Datasheet HTML 70Page - Cypress Semiconductor CY3663 Datasheet HTML 71Page - Cypress Semiconductor CY3663 Datasheet HTML 72Page - Cypress Semiconductor CY3663 Datasheet HTML 73Page - Cypress Semiconductor CY3663 Datasheet HTML 74Page - Cypress Semiconductor CY3663 Datasheet HTML 75Page - Cypress Semiconductor CY3663 Datasheet HTML 76Page - Cypress Semiconductor CY3663 Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
CY7C67200
Document Number: 38-08014 Rev. *I
Page 73 of 92
Figure 77. HPI (Host Port Interface) Write Cycle Timing
Parameter
Description
Min.
Typical
Max.
Unit
tASU
Address Setup
–1
–
–
ns
tAH
Address Hold
–1
–
–
ns
tCSSU
Chip Select Setup
–1
–
–
ns
tCSH
Chip Select Hold
–1
–
–
ns
tDSU
Data Setup
6
–
–
ns
tWDH
Write Data Hold
2
–
–
ns
tWP
Write Pulse Width
2
–
–
T[11]
tCYC
Write Cycle Time
6
–
–
T[11]
Note
11. T = system clock period = 1/48 MHz.
nCS
nRD
nWR
ADDR [1:0]
Dout [15:0]
t
ASU
t
WP
t
AH
t
CSSU
t
CSH
t
CYC
t
DSU
t
WDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com