Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3663 Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # CY3663
Description  EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3663 Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button CY3663 Datasheet HTML 82Page - Cypress Semiconductor CY3663 Datasheet HTML 83Page - Cypress Semiconductor CY3663 Datasheet HTML 84Page - Cypress Semiconductor CY3663 Datasheet HTML 85Page - Cypress Semiconductor CY3663 Datasheet HTML 86Page - Cypress Semiconductor CY3663 Datasheet HTML 87Page - Cypress Semiconductor CY3663 Datasheet HTML 88Page - Cypress Semiconductor CY3663 Datasheet HTML 89Page - Cypress Semiconductor CY3663 Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
CY7C67200
Document Number: 38-08014 Rev. *I
Page 86 of 92
3. UART Does Not Recognize Framing Errors
■ Problem Definition
The UART is not designed to recognize framing errors.
■ Parameters Affected
UART serial communications.
■ Trigger Conditions
Some platforms can cause EZ-OTG to see a string of NULL characters and cause the UART to get out of sync.
■ Scope of Impact
This can cause the UART to lose connection with the host during serial communications. One example of this is if the UART is
used as the debug port to the PC. This problem has occurred on, but is not limited to, Dell machines running WinXP or Win2k.
■ Workaround
For general use, there is no workaround. If this problem is experienced while debugging, try running the debugger on a different
Host (PC/OS). Otherwise the USB port can be used for the debugging interface.
■ Fix Status
No fix is currently planned for future silicon versions.
4. UART Does Not Override GPIO Control Register
■ Problem Definition
When the UART is enabled, the GPIO Control Register still has control over GPIO 6 (UART RX pin). When enabled, the UART
should override the GPIO Control Register, which defaults to setting the pin as an input.
■ Parameters Affected
UART serial communications.
■ Trigger Conditions
Enabling UART
■ Scope of Impact
GPIO 6 UART RX pin is controlled by GPIO Control Register and defaults to an input. The UART mode does not override the GPIO
control register for this pin and can be inadvertently configured as an output.
■ Workaround
Ensure the GPIO Control Register is written appropriately to set GPIO6 as an input when the UART is enabled.
■ Fix Status
No fix is currently planned for future silicon versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com