Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST310 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SST310
Description  Very High System Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST310 Datasheet(HTML) 5 Page - Vishay Siliconix

  SST310 Datasheet HTML 1Page - Vishay Siliconix SST310 Datasheet HTML 2Page - Vishay Siliconix SST310 Datasheet HTML 3Page - Vishay Siliconix SST310 Datasheet HTML 4Page - Vishay Siliconix SST310 Datasheet HTML 5Page - Vishay Siliconix SST310 Datasheet HTML 6Page - Vishay Siliconix SST310 Datasheet HTML 7Page - Vishay Siliconix SST310 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
J/SST/U308 Series
Vishay Siliconix
Document Number: 70237
S-50149—Rev. H, 24-Jan-05
www.vishay.com
5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Characteristics
VDS − Drain-Source Voltage (V)
50
04
28
10
40
20
10
0
30
6
−2.4 V
VGS = 0 V
−0.4 V
−0.8 V
−1.2 V
−1.6 V
−2.0 V
Transfer Characteristics
VGS − Gate-Source Voltage (V)
30
0
−1.2
−0.4
−1.6
−2
24
12
6
0
18
−0.8
TA = −55_C
VGS(off) = −1.5 V
125_C
Transfer Characteristics
VGS − Gate-Source Voltage (V)
100
0
−1.8
−0.6
−2.4
−3
80
40
20
0
60
−1.2
TA = −55_C
25_C
VGS(off) = −3 V
125_C
30
0
−1.2
−1.6
−0.4
−2
24
12
6
0
−0.8
18
Transconductance vs. Gate-Source Voltage
VGS − Gate-Source Voltage (V)
VGS(off) = −1.5 V
TA = −55_C
125_C
50
0
−1.8
−2.4
−0.6
−3
40
20
10
0
−1.2
30
Transconductance vs. Gate-Source Voltage
VGS − Gate-Source Voltage (V)
TA = −55_C
25_C
125_C
VGS(off) = −3 V
VGS(off) = −3 V
VDS = 10 V
VDS = 10 V
VDS = 10 V
f = 1 kHz
VDS = 10 V
f = 1 kHz
25_C
25_C
Output Characteristics
VDS − Drain-Source Voltage (V)
VGS = 0 V
−0.2 V
−0.4 V
−0.6 V
−0.8 V
−1.0 V
20
06
8
210
16
8
4
0
4
12
VGS(off) = −1.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com