Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST310 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SST310
Description  Very High System Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST310 Datasheet(HTML) 4 Page - Vishay Siliconix

  SST310 Datasheet HTML 1Page - Vishay Siliconix SST310 Datasheet HTML 2Page - Vishay Siliconix SST310 Datasheet HTML 3Page - Vishay Siliconix SST310 Datasheet HTML 4Page - Vishay Siliconix SST310 Datasheet HTML 5Page - Vishay Siliconix SST310 Datasheet HTML 6Page - Vishay Siliconix SST310 Datasheet HTML 7Page - Vishay Siliconix SST310 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
J/SST/U308 Series
Vishay Siliconix
www.vishay.com
4
Document Number: 70237
S-50149—Rev. H, 24-Jan-05
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
100
0
−5
−4
−3
−1
80
20
0
50
40
10
0
Drain Current and Transconductance
vs. Gate-Source Cutoff Voltage
Gate Leakage Current
Output Characteristics
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
Common-Source Forward Transconductance
vs. Drain Current
VGS(off) − Gate-Source Cutoff Voltage (V)
VDG − Drain-Gate Voltage (V)
ID − Drain Current (mA)
VGS(off) − Gate-Source Cutoff Voltage (V)
VDS − Drain-Source Voltage (V)
IDSS @ VDS = 10 V, VGS = 0 V
gfs @ VDS = 10 V, VGS = 0 V
f = 1 kHz
gfs
IDSS
TA = −55_C
25_C
125_C
VGS = 0 V
−0.2 V
−0.4 V
−0.6 V
−0.8 V
VGS(off) = −3 V
60
40
−2
30
20
100
−3
−5
−4
−1
80
0
300
240
120
60
0
60
40
20
−2
0
180
rDS @ ID = 1 mA, VGS = 0 V
gos @ VDS = 10 V, VGS = 0 V, f = 1 kHz
rDS
06
312
15
9
IGSS @ 125_C
TA = 125_C
TA = 25_C
200 mA
0.1
1
10
20
16
8
4
0
12
15
0
0.4
0.2
0.8
1
12
6
3
0
9
0.6
−1.0 V
gos
IGSS @ 25_C
0.1 pA
1 pA
10 pA
100 pA
1 nA
10 nA
VDS = 10 V
f = 1 kHz
VGS(off) = −1.5 V
10 mA
Output Characteristics
VDS − Drain-Source Voltage (V)
VGS = 0 V
−1.2 V
−0.4 V
−1.6 V
−0.8 V
30
0
0.4
0.2
0.8
1
24
12
6
0
18
0.6
−2.0 V
−2.4 V
VGS(off) = −3 V
IG @ ID = 10 mA
200 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com