Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST310 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SST310
Description  Very High System Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST310 Datasheet(HTML) 3 Page - Vishay Siliconix

  SST310 Datasheet HTML 1Page - Vishay Siliconix SST310 Datasheet HTML 2Page - Vishay Siliconix SST310 Datasheet HTML 3Page - Vishay Siliconix SST310 Datasheet HTML 4Page - Vishay Siliconix SST310 Datasheet HTML 5Page - Vishay Siliconix SST310 Datasheet HTML 6Page - Vishay Siliconix SST310 Datasheet HTML 7Page - Vishay Siliconix SST310 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
J/SST/U308 Series
Vishay Siliconix
Document Number: 70237
S-50149—Rev. H, 24-Jan-05
www.vishay.com
3
SPECIFICATIONS FOR U309 AND U310 (TA = 25_C UNLESS NOTED)
Limits
U309
U310
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Gate-Source Breakdown Voltage
V(BR)GSS
IG = −1 mA , VDS = 0 V
−35
−25
−25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 10 V, ID = 1 nA
−1
−4
−2.5
−6
V
Saturation Drain Currentb
IDSS
VDS = 10 V, VGS = 0 V
12
30
24
60
mA
Gate Reverse Current
IGSS
VGS = −15 V, VDS = 0 V
−0.002
−0.15
−0.15
nA
Gate Reverse Current
IGSS
TA = 125_C
−0.001
−0.15
−0.15
mA
Gate Operating Current
IG
VDG = 9 V, ID = 10 mA
−15
pA
Drain-Source On-Resistance
rDS(on)
VGS = 0 V, ID = 1 mA
35
W
Gate-Source Forward Voltage
VGS(F)
IG = 10 mA , VDS = 0 V
0.7
1
1
V
Dynamic
Common-Source
Forward Transconductance
gfs
VDS = 10 V, ID = 10 mA
14
10
10
mS
Common-Source
Output Conductance
gos
VDS = 10 V, ID = 10 mA
f = 1 kHz
110
250
250
mS
Common-Source
Input Capacitance
Ciss
VDS = 10 V, VGS = −10 V
4
5
5
pF
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 10 V, VGS = −10 V
f = 1 MHz
1.9
2.5
2.5
pF
Equivalent Input Noise Voltage
en
VDS = 10 V, ID = 10 mA
f = 100 Hz
6
nV⁄
√Hz
High Frequency
Common-Gate
gf
f = 105 MHz
14
Common-Gate
Forward Transconductance
gfg
f = 450 MHz
13
mS
Common-Gate
g
f = 105 MHz
0.16
mS
Common-Gate
Output Conductance
gog
VDS = 10 V
f = 450 MHz
0.55
Common Gate Power Gainc, d
G
VDS = 10 V
ID = 10 mA
f = 105 MHz
16
14
14
Common-Gate Power Gainc, d
Gpg
f = 450 MHz
11.5
10
10
dB
Noise Figured
NF
f = 105 MHz
1.5
2
2
dB
Noise Figured
NF
f = 450 MHz
2.7
3.5
3.5
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NZB
b.
Pulse test: PW v300 ms duty cycle v3%.
c.
Gain (Gpg) measured at optimum input noise match.
d.
Not a production test.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com