Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26480SQ-BF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM26480SQ-BF/NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-BF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM26480SQ-BF/NOPB Datasheet HTML 1Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 2Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 3Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 4Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 5Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 6Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 7Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 8Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LM26480
LDO1_FB
VOUTLDO2
GND_L
VOUTLDO1
ENLDO1
LDO2_FB
VIN1
SW1
FB1
VINLDO2
SW2
FB2
VIN2
GND_SW2
10 µF
ENSW1
2.2 µH
ENSW2
GND_SW1
VINLDO1
SYNC
nPOR
ENLDO2
GND_C
AVDD
VINLDO12
R1
R2
0.47 µF
0.47 µF
1 µF
R2
R1
1 µF
10 µF
R2
C2
C1
R1
R1
10 µF
2.2 µH
10 µF
1 µF
R2
C1
C2
1 µF
100k
DAP
LM26480
SNVS543I – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Typical Application Circuit
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM26480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com