Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26480SQ-BF/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM26480SQ-BF/NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-BF/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM26480SQ-BF/NOPB Datasheet HTML 17Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 18Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 19Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 20Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 21Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 22Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 23Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 24Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Mask
Window
RDY1
t1
t2
t3
t4
t0
RDY2
Counter
delay
EN1
EN2
NPOR
Counter
delay
NPOR
Mask Time
Counter
delay
NPOR
Mask Time
EN2
0V
RDY2
Case 2:
Case 1:
Mask
Window
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
Figure 30. NPOR Mask Window
In Case 1, we see that case where EN2 and RDY2 are initiated after triggered programmable delay. To prevent
the nPOR being asserted again, a masked window (5 ms) counter delay is triggered off the EN2 rising edge.
NPOR is still held HIGH for the duration of the mask, whereupon the nPOR status afterwards will depend on the
status of both RDY1 and RDY2 lines.
In Case 2, we see the case where EN2 is initiated after the RDY1 triggered programmable delay, but RDY2
never goes HIGH (Buck2 never turns on). Normal operation operation of nPOR occurs wilth respect to EN1 and
RDY1, and the nPOR signal is held HIGH for the duration of the mask window. We see that nPOR goes LOW
after the masking window has timed out because it is now dependent on RDY1 and RDY2, where RDY2 is LOW.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM26480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com