Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26480SQ-BF/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM26480SQ-BF/NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-BF/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM26480SQ-BF/NOPB Datasheet HTML 9Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 10Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 11Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 12Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 13Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 14Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 15Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 16Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
Typical Performance Characteristics — Buck
VIN= 3.6V, TA = 25°C, VOUT = 1.2V unless otherwise noted
Load Transient Response
Mode Change by Load Transients
VOUT = 1.2V (PWM Mode)
VOUT = 1.2V (PWM to PFM)
Figure 19.
Figure 20.
Line Transient Response
Line Transient Response
VIN = 3.6 – 4.2V, VOUT = 1.2V, 250 mA load
VIN = 3.0 – 3.6V, VOUT = 3.0V, 250 mA load
Figure 21.
Figure 22.
Start up into PWM Mode
Start up into PWM Mode
VOUT = 1.2V, 1.5A load
VOUT = 3.0 V, 1.5A load
Figure 23.
Figure 24.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM26480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com