Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMODCAM_RM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VMODCAM_RM
Description  VmodCAM??Reference Manuall
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMODCAM_RM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VMODCAM_RM Datasheet HTML 1Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 2Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 3Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 4Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 5Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VmodCAM Reference Manual
www.digilentinc.com
page 2 of 6
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
First, you must set up the power-up and reset
sequence. Then you need to understand the
control interface in order to configure the
cameras. The following sections describe this
in detail.
Power-Up and Reset Sequence
The VmodCAM should only be attached to the
system board once the signals driven by the
system board are defined.
The camera uses the analog and digital supply
voltage rails provided on-board. The power
supplies are on by default, but can be turned
off, by driving the VDD-EN signal low (see
Table 3.)
The power supplies are used by both cameras.
While the cameras do power-on reset
themselves, it’s always a good idea to do a full
reset as part of the controller routine.
Figure 1 Power-Up Sequence
Figure 2 Reset Sequence
The MCLK is important. If the PLL in the
camera is enabled, MCLK should be stable.
Stopping MCLK without respecting the reset
sequence might leave the camera in an
undefined state. This could be the case when
the FPGA is re-configured. Performing a
power-cycle in the first stages of the controller
is recommended.
Description
Min
Max
Unit
t1
VDD-EN negative
pulse width
100
ms
t2
VDD-EN high to
first MCLK pulse
75
us
t3
t6
ROM read time
until first control
byte
6000
MCLK
cycles
t4
Active MCLK
before/after #RST
edge
10
MCLK
cycles
t5
#RST negative
pulse width
30
MCLK
cycles
Table 1 Power-Up/Reset Timing
Control Interface
The two-wire serial interface (SDA, SCL) can
be used to control various parts of the camera.
The camera acts as a slave device.
A typical register write consists of:
•
start condition
•
8-bit device address (0x78 for the
MT9D112) + acknowledge bit
•
upper byte of 16-bit register address +
acknowledge bit
•
lower byte of register address +
acknowledge bit
•
upper byte of the 16-bit data +
acknowledge bit
•
lower data byte + acknowledge bit
•
stop condition.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com