Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMODCAM_RM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VMODCAM_RM
Description  VmodCAM??Reference Manuall
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMODCAM_RM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VMODCAM_RM Datasheet HTML 1Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 2Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 3Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 4Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 5Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
V
Vm
mo
od
dC
CA
AM
M™
™ R
Re
effe
erre
en
nc
ce
e M
Ma
an
nu
ua
all
Revision: July 19, 2011
Note: This document applies to REV C of the board.
1300 NE Henley Court, Suite 3
Pullman, WA 99163
(509) 334 6306 Voice | (509) 334 6300 Fax
Doc: 502-179
page 1 of 6
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Overview
The VmodCAM board provides digital imaging
capabilities for any Digilent FPGA system
board with a VHDCI connector. It features two
Aptina MT9D112 2-megapixel CMOS digital
image sensors. The sensors can provide frame
rates from 15 FPS upwards, depending on the
resolution.
Its system-on-a-chip design integrates an
image flow processor and enables selectable
output formats, scaling, and special effects.
The integrated PLL (phase-locked loop) and
microprocessor offer a flexible serial control
interface. The output data is sent on a parallel
bus in processed YCrCb, RGB, or raw Bayer
formats.
Features include:
•
two independent Aptina MT9D112 2-
megapixel CMOS digital image sensors
•
1600x1200 maximum resolution at 15
FPS
•
63mm inter-camera spacing (stereo
baseline)
•
10-bit raw color depth
•
I
2C control bus
•
Bayer, RGB, YCrCb output formats
•
automatic exposure, gain, and white
balance
•
powerful image correction algorithms
•
image scaling
•
output FIFO
•
68-pin female VHDCI connector
Functional Description
The two MT9D112 cameras can be controlled
independently and can acquire two separate,
simultaneous image feeds. They are controlled
by a two-wire interface.
Each camera has a 2 megapixel color sensor
array in Bayer color filter arrangement. The
sensor readout is 10-bit and supports skipping
or binning rows/columns.
The integrated PLL can generate an internal
clock from the master clock and supports a
wide range of resolutions and frame rates.
The integrated image flow processor applies
correction algorithms to improve image quality.
It can process raw sensor data into RGB or
YCrCb output formats, and crop or scale the
image.
Since some of the processing algorithms
output data in bursts, the parallel output
interface can use a FIFO buffer to provide
constant data rate.
The camera also features a sequencer to
coordinate events triggered by the user.
Operation
The camera systems first need to be properly
configured. This includes not only setting
imaging parameters like resolution or output
format, but PLL configuration and
microprocessor sequencing too. The order in
which these steps are performed is very
important.


Similar Part No. - VMODCAM_RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMODBB_RM ETC1-VMODBB_RM Datasheet
107Kb / 3P
Diigiillentt Vmod Breadboard Refference Manuall
VMODMIB_RM ETC1-VMODMIB_RM Datasheet
193Kb / 5P
VmodMIIB??Reference Manuall
VMODTFT_RM ETC1-VMODTFT_RM Datasheet
463Kb / 5P
VmodTFT??Reference Manuall
More results

Similar Description - VMODCAM_RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMODTMP2 ETC1-PMODTMP2 Datasheet
242Kb / 2P
PmodTMP2??Reference Manuall
PMODACL2 ETC1-PMODACL2 Datasheet
150Kb / 1P
PmodACL2??Diigiitall Accellerometer Reference Manuall
VMODMIB_RM ETC1-VMODMIB_RM Datasheet
193Kb / 5P
VmodMIIB??Reference Manuall
VMODTFT_RM ETC1-VMODTFT_RM Datasheet
463Kb / 5P
VmodTFT??Reference Manuall
PMODDIP_RM ETC1-PMODDIP_RM Datasheet
239Kb / 1P
PmodDIIP??Reference Manuall
PMODENC_RM ETC1-PMODENC_RM Datasheet
127Kb / 2P
PmodENC??Reference Manuall
PMODI2S_RM ETC1-PMODI2S_RM Datasheet
211Kb / 1P
PmodII2s Refference Manuall
PMODOLED_RM ETC1-PMODOLED_RM Datasheet
135Kb / 2P
PmodOLED??Reference Manuall
PMODPMON1 ETC1-PMODPMON1 Datasheet
679Kb / 2P
PmodPMON1??Refference Manuall
PMODUSBUART_RM ETC1-PMODUSBUART_RM Datasheet
190Kb / 1P
PmodUSBUART??Reference Manuall
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com