Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMODCAM_RM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VMODCAM_RM
Description  VmodCAM??Reference Manuall
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMODCAM_RM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VMODCAM_RM Datasheet HTML 1Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 2Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 3Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 4Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 5Page - List of Unclassifed Manufacturers VMODCAM_RM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VmodCAM Reference Manual
www.digilentinc.com
page 4 of 6
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Enable output:
1. R[0x301A] = 0x02CC; parallel enable,
drive pins, start streaming.
Image Processing
Raw sensor data coming from the pixel array is
fed to a color processing pipeline called an
image flow processor (IFP). This is where all
the image processing, correction, scaling,
interpolation, and output formatting algorithms
are applied.
The IFP can also be bypassed, causing the
camera to output the uncompressed raw 10-bit
Bayer data in this mode.
The IFP is controlled indirectly, through
microprocessor variables and the sequencer.
The IFP can be controlled directly by
accessing its hardware registers, but normally
the on-chip microprocessor regularly adjusts
these parameters.
Output Formats
Mode
Byte
D7:D0
RGB565
Odd
R7R6R5R4R3G7G6G5
Even
G4G3G2B7B6B5B4B3
RGB555
Odd
0R7R6R5R4R3G7G6
Even
G5G4G3B7B6B5B4B3
RGB444x
Odd
R7R6R5R4G7G6G5G4
Even
B7B6B5B40000
RGBx444
Odd
0000R7R6R5R4
Even
G7G6G5G4B7B6B5B4
YUV
4*i
Cb
4*i+1
Y
4*i+2
Cr
4*i+3
Y
Contexts
The microprocessor uses two contexts, each
with their own set of parameters. Context A is
preconfigured for preview mode. Context B is
for snapshot and video capture.
You can set the parameters using the two-wire
interface to command the sequencer to switch
contexts. If the parameters being modified
belong to the active mode, the changes only
take effect after the Refresh and Refresh Mode
commands are executed.
Sequencer
The sequencer is a state machine responsible
for coordinating events triggered by the user.
You can query the current state and instruct
the sequencer to change state.
The sequencer command variable V[0xA103]
accepts the following values:
•
0-Run
•
1-Go to Preview
•
2-Go to Capture
•
3-Go to Standby
•
4-Do lock
•
5-Refresh
•
6-Refresh mode
For the video capture, the Video bit (bit 1)
needs to set in variable V[0xA120]. Otherwise,
the capture state will only take a single
snapshot.
The sequencer state variable V[0xA104] reads:
•
0-Initialize
•
1-Mode Change to Preview
•
2-Enter Preview
•
3-Preview
•
4-Leave Preview
•
5-Mode Change to Capture
•
6-Enter Capture
•
7-Capture
•
8-Leave Capture
•
9-Standby



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com