Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7383-R7C3-ARUB-MS Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 7383-R7C3-ARUB-MS
Description  Popular T-1 3/4 round package.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383-R7C3-ARUB-MS Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  7383-R7C3-ARUB-MS Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 8Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-06-15 18:57:03.0
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
7383/R7C3-ARUB/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 4 of 10
Device Number :
DLE-0001577
Prepared date:06-01-2009
Prepared : Flourix Chen
Rank Combination (IF=20mA)
Rank
R
S
T
U
Luminous Intensity
4500~5650
5650~7150
7150~9000
9000~11250
*Measurement Uncertainty of Luminous Intensity: ±10%
Unit: :mcd
Rank
1
2
3
4
Forward Voltage
1.8~2.0
2.0~2.2
2.2~2.4
2.4~2.6
*Measurement Uncertainty of Forward Voltage: ±0.1V
Unit:V
Rank
1
2
3
Dominant Wavelength
619~622
622~625
625~628
*Measurement Uncertainty of
Dominant Wavelength ±1.0nm
Unit:nm
*The quantity ratio of the ranks is decided by EVERLIGHT.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com