Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7383-R7C3-ARUB-MS Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 7383-R7C3-ARUB-MS
Description  Popular T-1 3/4 round package.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383-R7C3-ARUB-MS Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  7383-R7C3-ARUB-MS Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 8Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-06-15 18:57:03.0
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
7383/R7C3-ARUB/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 5 of 10
Device Number :
DLE-0001577
Prepared date:06-01-2009
Prepared : Flourix Chen
0
20
40
60
80
100
0
10
20
30
40
50
60
Ambient Temperature Ta(
OC)
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
Forward Voltage(V)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
Forward Current(mA)
25
30
35
40
45
50
55
60
65
70
0.0
0.5
1.0
1.5
2.0
Ambient Temperature Ta(
OC)
0
10
20
30
40
50
60
70
80
90
O
O
O
O
O
O
O
O
O
O
0
1.0
1.0
0.5
30
O
60
O
90
O
0.5
0
Radiation Angle
450
500
550
600
650
700
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength(nm)
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Ambient Temp.
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Radiation Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com