Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7383-R7C3-ARUB-MS Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 7383-R7C3-ARUB-MS
Description  Popular T-1 3/4 round package.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383-R7C3-ARUB-MS Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 7383-R7C3-ARUB-MS Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 8Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 9Page - Everlight Electronics Co., Ltd 7383-R7C3-ARUB-MS Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-06-15 18:57:03.0
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
7383/R7C3-ARUB/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 7 of 10
Device Number :
DLE-0001577
Prepared date:06-01-2009
Prepared : Flourix Chen
Notes
1. Lead Forming
During lead formation, the leads should be bent at a point at least 3mm from the base of
the epoxy bulb.
Lead forming should be done before soldering.
Avoid stressing the LED package during leads forming. The stress to the base may
damage the LED’s characteristics or it may break the LEDs.
Cut the LED leadframes at room temperature. Cutting the leadframes at high temperatures
may cause failure of the LEDs.
When mounting the LEDs onto a PCB, the PCB holes must be aligned exactly with the
lead position of the LED. If the LEDs are mounted with stress at the leads, it causes
deterioration of the epoxy resin and this will degrade the LEDs.
2. Storage
The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from
Everlight and the storage life limits are 3 months. If the LEDs are stored for 3 months or
more, they can be stored for a year in a sealed container with a nitrogen atmosphere and
moisture absorbent material.
Please avoid rapid transitions in ambient temperature, especially, in high humidity
environments where condensation can occur.
3. Soldering
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to epoxy bulb, and soldering beyond the base of the tie bar is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com